Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVX4052G-P16-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # U74LVX4052G-P16-R
Description  Dual 4-Channel Analog Multiplexer/Demultiplexer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVX4052G-P16-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button U74LVX4052G-P16-R Datasheet HTML 2Page - Unisonic Technologies U74LVX4052G-P16-R Datasheet HTML 3Page - Unisonic Technologies U74LVX4052G-P16-R Datasheet HTML 4Page - Unisonic Technologies U74LVX4052G-P16-R Datasheet HTML 5Page - Unisonic Technologies U74LVX4052G-P16-R Datasheet HTML 6Page - Unisonic Technologies U74LVX4052G-P16-R Datasheet HTML 7Page - Unisonic Technologies U74LVX4052G-P16-R Datasheet HTML 8Page - Unisonic Technologies U74LVX4052G-P16-R Datasheet HTML 9Page - Unisonic Technologies U74LVX4052G-P16-R Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
U74LVX4052
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 11
www.unisonic.com.tw
QW-R502-950.A
AC ELECTRICAL CHARACTERISTICS (TA=25°С, Input tR/tF =3ns, GND=0V, CL=50pF)
See Fig. 1 , Fig. 2 and Fig. 3 for test circuit and waveforms.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP
MAX UNIT
Phase difference between input and output
tpLH/tpHL
VCC=2V, VEE=GND
3.2
6.0
ns
VCC=3V, VEE=GND
1.8
3.0
VCC=4.5V, VEE=GND
1.3
1.8
VCC=3V, VEE=-3V
1.1
1.3
Output enable time (Note 1)
tpZL/tpZH
VCC=2V, VEE=GND
9
17
ns
VCC=3V, VEE=GND
5.7
9
VCC=4.5V, VEE=GND
4.5
6
VCC=3V, VEE=-3V
5.8
8
Output disable time (Note 1)
tpLZ/tpHZ
VCC=2V, VEE=GND
13.5
21
ns
VCC=3V, VEE=GND
11.3
15
VCC=4.5V, VEE=GND
10.3
12
VCC=3V, VEE=-3V
10.9
13
Control input capacitance (Note 2)
CIN
5
10
pF
COMMON terminal capacitance (Note 2)
CIS
VCC=3V, VEE=-3V
9
20
pF
SWITCH terminal capacitance (Note 2)
COS
VCC=3V, VEE=-3V
6
13
pF
Feedthrough capacitance (Note 2)
CIOS
VCC=3V, VEE=-3V
3
6
pF
Power dissipation capacitance (Note 3)
CPD
VCC=6V, VEE=GND
24
pF
Note: 1. RL=1k
2. CIN, CIS, COS and CIOS are guaranteed by the design.
3. CPD is defined as the value of the internal equivalent capacitance of IC which is calculated from the
operating current consumption without load.
Average operating current can be obtained by the equation.
ICC(OPR)=CPD×VCC×fIN+VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com