Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAT1069C Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HAT1069C
Description  Silicon P Channel Power MOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT1069C Datasheet(HTML) 4 Page - Renesas Technology Corp

  HAT1069C Datasheet HTML 1Page - Renesas Technology Corp HAT1069C Datasheet HTML 2Page - Renesas Technology Corp HAT1069C Datasheet HTML 3Page - Renesas Technology Corp HAT1069C Datasheet HTML 4Page - Renesas Technology Corp HAT1069C Datasheet HTML 5Page - Renesas Technology Corp HAT1069C Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
HAT1069C
R07DS1169EJ0400 Rev.4.00
Page 4 of 5
Mar 19, 2014
Case Temperature Tc (
°C)
Static Drain to Source on State Resistance
vs. Temperature
Drain Current ID (A)
Forward Transfer Admittance vs.
Drain Current
–25
25
075
50
100 125
150
20
40
60
80
100
120
VGS = –4.5 V
–3
–0.1
–1
–10
–0.3
10
100
1
0.1
Tc = –25
°C
VDS = –10 V
75
°C
25
°C
Pulse Test
Pulse Test
ID = –4 A, –1.5 A, –1 A
–1 A
–1.5 A
–4 A
–2.5 V
–1.8 V
Drain Current ID (A)
Switching Characteristics
1000
100
10
–1
–100
–10
–0.1
tf
tr
td(off)
td(on)
VGS = –4.5 V, VDD = –10 V
Source to Drain Voltage VSD (V)
–12
–16
–8
–4
0
–0.4
–0.8
–1.2
–1.6
–2.0
Reverse Drain Current vs.
Source to Drain Voltage
Ta = 25
°C
–5 V
VGS = 0, 5 V
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
0–4
–2
–8
–10
–6
–12
10000
1000
100
10
Ciss
Coss
Crss
VGS = 0
f = 1 MHz
–16
–8
0
0
10
20
–8
–4
0
ID = –3 A
Gate Charge Qg (nc)
Dynamic Input Characteristics
VDD = –10, –12 V
–7 V
–5 V
Pulse Test
VDD = –12 V
–10 V
–5 V
–7 V
–1 A
–4 A
–1.5 A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com