Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAT1069C Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HAT1069C
Description  Silicon P Channel Power MOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT1069C Datasheet(HTML) 3 Page - Renesas Technology Corp

  HAT1069C Datasheet HTML 1Page - Renesas Technology Corp HAT1069C Datasheet HTML 2Page - Renesas Technology Corp HAT1069C Datasheet HTML 3Page - Renesas Technology Corp HAT1069C Datasheet HTML 4Page - Renesas Technology Corp HAT1069C Datasheet HTML 5Page - Renesas Technology Corp HAT1069C Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HAT1069C
R07DS1169EJ0400 Rev.4.00
Page 3 of 5
Mar 19, 2014
Main Characteristics
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
–16
–12
–8
–4
0
–2
–4
–6
–8
–10
–16
–12
–8
–4
0
0
–1
–2
–5
–4
–3
25
°C
75
°C
VDS = –10 V
Pulse Test
VGS = –1.8 V
–10 V
–2.5 V
–3 V
–4.5 V
Pulse Test
–2 V
–2.2 V
Tc = –25
°C
Ambient Temperature Ta (
°C)
Power vs. Temperature Derating
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
Note 4: When using the glass epoxy board
(FR4 40
× 40 × 1.6 mm)
1600
1200
800
400
0
0
50
100
150
200
–0.1
–100
–10
–1
–0.1
–0.01
–1
–10
–100
10
μs
PW
=
10
ms
Operation in
this area is
limited by RDS(on)
Ta = 25
°C
1 shot Pulse
1 ms
100
μs
Test Condition:
When using the glass epoxy board
(FR4 40
× 40 × 1.6 mm)
Gate to Source Voltage
VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
–100
–150
–200
–50
–250
0
–2
–4
–6
–10
–8
Ta = 25
°C
–4.0 A
Drain Current ID (A)
Static Drain to Source on State Resistance
vs. Drain Current
10
1
–0.1
–1
–10
1000
100
VGS = –1.8 V
–2.5 V
–4.5 V
Pulse Test
Ta = 25
°C
–1.5 A
–1.0 A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com