Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAT1069C Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HAT1069C
Description  Silicon P Channel Power MOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT1069C Datasheet(HTML) 1 Page - Renesas Technology Corp

  HAT1069C Datasheet HTML 1Page - Renesas Technology Corp HAT1069C Datasheet HTML 2Page - Renesas Technology Corp HAT1069C Datasheet HTML 3Page - Renesas Technology Corp HAT1069C Datasheet HTML 4Page - Renesas Technology Corp HAT1069C Datasheet HTML 5Page - Renesas Technology Corp HAT1069C Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
R07DS1169EJ0400 Rev.4.00
Page 1 of 5
Mar 19, 2014
Data Sheet
HAT1069C
Silicon P Channel Power MOS FET
Power Switching
Features
• Low on-resistance
RDS(on) = 38 m
Ω typ (at V
GS = –4.5 V)
• High speed switching
• Capable of 1.8 V gate drive
• High density mounting
Outline
RENESAS Package code: PWSF0006JA-A
(Package name: CMFPAK-6)
1. Source
2. Drain
3. Drain
4. Drain
5. Drain
6. Gate
G
D
S
6
1
5
D
2
D
3
D
4
1
2
3
6
5
4
Index band
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
–12
V
Gate to source voltage
VGSS
±8
V
Drain current
ID
–4
A
Drain peak current
ID(pulse)
Note1
–16
A
Body-drain diode reverse drain current
IDR
–4
A
Channel dissipation
Pch
Note2
900
mW
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 μs, duty cycle ≤ 1%
2. When using the grass epoxy board. (FR4 40
× 40 × 1.6 mm)
R07DS1169EJ0400
(Previous: REJ03G0164-0300)
Rev.4.00
Mar 19, 2014


Similar Part No. - HAT1069C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT1069C RENESAS-HAT1069C Datasheet
98Kb / 6P
Silicon P Channel Power MOSFET Power Switching
HAT1069C-EL-E RENESAS-HAT1069C-EL-E Datasheet
98Kb / 6P
Silicon P Channel Power MOSFET Power Switching
HAT1069C RENESAS-HAT1069C_15 Datasheet
84Kb / 6P
Silicon P Channel Power MOS FET Power Switching
More results

Similar Description - HAT1069C

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
4AJ11 HITACHI-4AJ11 Datasheet
35Kb / 6P
Silicon P-Channel Power MOS FET Array
logo
Renesas Technology Corp
2SJ547 RENESAS-2SJ547 Datasheet
88Kb / 8P
Silicon P Channel MOS FET
RQJ0301HGDQS RENESAS-RQJ0301HGDQS Datasheet
97Kb / 7P
Silicon P Channel MOS FET Power Switching
HAT1096C RENESAS-HAT1096C Datasheet
82Kb / 7P
Silicon P Channel MOS FET Power Switching
RQJ0304DQDQS RENESAS-RQJ0304DQDQS Datasheet
120Kb / 8P
Silicon P Channel MOS FET Power Switching
HITJ0201MP RENESAS-HITJ0201MP Datasheet
91Kb / 7P
Silicon P Channel MOS FET Power Switching
HAT1091C RENESAS-HAT1091C Datasheet
88Kb / 7P
Silicon P Channel MOS FET Power Switching
HAT1091C RENESAS-HAT1091C_15 Datasheet
99Kb / 7P
Silicon P Channel MOS FET Power Switching
RQJ0602EGDQS RENESAS-RQJ0602EGDQS_15 Datasheet
116Kb / 9P
Silicon P Channel MOS FET Power Switching
HAT1094C RENESAS-HAT1094C_15 Datasheet
88Kb / 7P
Silicon P Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com