Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1107 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS1107
Description  Single Relay Driver IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS1107 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS1107 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS1107 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS1107 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS1107 Datasheet HTML 4Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
VCC
Control
Output
Gnd
Gnd
Gnd
Gnd
Duty cycle
during
short circuit
Overtemp
Shutdown
short circuit
detect
open circuit
detect
ISOURCE
Drive
& Bias
+
+
-
-
Fault
33V
s
Fault Detection
Open Circuit
Short Circuit
Overtemperature
s
On-Chip Flyback
Protection
s
Low Standby Current
Package Options
Single Relay Driver IC
CS1107
Description
This ASIC provides up to 350mA of
drive current for driving a relay.
On-chip diagnostic features include
open and short circuit detection in
the on state, duty cycle current limit
control, and thermal shutdown.
Faults are reported on the
lead.
is an active-low output.
An on-chip zener provides protec-
tion from flyback pulses from the
relay. Internal pull-down circuitry
is provided to ensure the output
pin turns off when the Control pin
is floating.
Fault
Fault
Block Diagram
Absolute Maximum Ratings
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65ûC to 150ûC
VCC,
, Control . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 6V
ESD Capability (Human Body Model). . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
Peak Transient Voltage (output off mode, output pin only)
(26V load Dump @ 14V VBAT) . . . . . . . . . . . . . . . . . . . . . . . . . . . . .40V
Lead Temperature Soldering
Reflow (SMD styles only) . . . . 60 sec. max above 183¡C, 230¡C peak
Fault
Output 1
VCC
Gnd
Gnd
Control
Gnd
Gnd
Fault
8 Lead SO
(internally fused leads)
1
A
Company
¨
Rev. 1/29/99
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com


Similar Part No. - CS1107

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS1107 ONSEMI-CS1107 Datasheet
44Kb / 4P
Single Relay Driver IC
April, 2001 ??Rev. 5
CS1107EDF8 ONSEMI-CS1107EDF8 Datasheet
44Kb / 4P
Single Relay Driver IC
April, 2001 ??Rev. 5
CS1107EDFR8 ONSEMI-CS1107EDFR8 Datasheet
44Kb / 4P
Single Relay Driver IC
April, 2001 ??Rev. 5
More results

Similar Description - CS1107

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT8244 STMICROELECTRONICS-74ACT8244 Datasheet
168Kb / 7P
RELAY DRIVER IC
Jun-2001
logo
Cherry Semiconductor Co...
CS1108 CHERRY-CS1108 Datasheet
132Kb / 4P
Single Lamp Driver IC
Rev. 12/28/98
logo
ON Semiconductor
CS1107 ONSEMI-CS1107 Datasheet
44Kb / 4P
Single Relay Driver IC
April, 2001 ??Rev. 5
logo
Infineon Technologies A...
1ED020I12-F INFINEON-1ED020I12-F Datasheet
1Mb / 22P
Single IGBT Driver IC
2.2, December 2009
logo
KEC(Korea Electronics)
KIA6905F KEC-KIA6905F Datasheet
718Kb / 6P
Bidirectional Relay Driver IC
logo
Infineon Technologies A...
1ED020I12FTA INFINEON-1ED020I12FTA_16 Datasheet
857Kb / 31P
Single IGBT Driver IC
Rev. 3.0 2016-04-05
1ED020I12-F2 INFINEON-1ED020I12-F2 Datasheet
1Mb / 28P
Single IGBT Driver IC
Rev. 2.0, 2011-08-01
1ED020I12-BT INFINEON-1ED020I12-BT Datasheet
1Mb / 34P
Single IGBT Driver IC
Rev 2.0, 2012-07-31
1ED020I12-B2 INFINEON-1ED020I12-B2 Datasheet
1Mb / 29P
Single IGBT Driver IC
Rev. 2.0, 2012-07-31
1ED020I12-B2 INFINEON-1ED020I12-B2_17 Datasheet
1Mb / 29P
Single IGBT Driver IC
Rev. 2.1, 2017-09-28
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com