Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1107 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # CS1107
Description  Single Relay Driver IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS1107 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  CS1107 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS1107 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS1107 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS1107 Datasheet HTML 4Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
VBAT
VCC
Output
Gnd
VCC
Control
Gnd
CS1107
Gnd
Gnd
Fault
microprocessor
20k
10nF
CMODULE(ESD)
Applications Diagram
Circuit Description
The CS1107 relay driver IC provides up to 350mA of drive
current in a low-side configuration. The Output driver pin
is controlled through the TTL compatible Control input
pin. A high condition on the Control pin turns the output
pin on.
The
pin reports short circuit, open circuit, and
overtemperature conditions on the IC. If a fault is present,
the open collector output
pin will be low. Typical
numbers for faults are: exceeding 500mA of drive current
will report a short circuit. Less than 40mA (typical) will
report an open circuit. A temperature fault will be reported
when the die temperature exceeds 180¡C (typical). Faults
are only reported when the Control pin is high, due to the
low quiescent current when the Control pin is low and the
output device is turned off.
Overcurrent protection is provided by duty cycle control.
When the Output current exceeds the current limit thresh-
old, the output enters duty cycle mode to reduce power
dissipation of the IC to a safe level. The higher the thresh-
old is exceeded the lower the duty cycle becomes.
A 33V on-chip zener diode on the Output pin protects the
device from flyback pulses when a relay is turned off. The
saturation voltage of this pin will not exceed 1.5V at
350mA.
Fault
Fault



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com