Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1107 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS1107
Description  Single Relay Driver IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS1107 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS1107 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS1107 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS1107 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS1107 Datasheet HTML 4Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics: 4.75V ² VCC ² 5.25V, -40ûC ² TA ² 85ûC, -40¡C ² TJ ² 150¡C
2
Package Pin Description
PACKAGE PIN #
PIN SYMBOL
FUNCTION
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
8 Lead SO
(Internally Fused Leads)
1
Output
Open collector output.
2VCC
5V regulated supply input.
3
Open collector diagnostic output low during open
load, short circuit and overtemperature conditions.
4
Control
TTL compatible input. A high on this pin turns the
output on.
5, 6, 7, 8
Ground
Signal ground.
Fault
s Supply Requirements
VCC Quiescent Current
Output ON
3
6
mA
VCC Quiescent Current
Output OFF
70
250
µA
s Output
Leakage Current
VBAT =14V
0
100
µA
Saturation Voltage
I OUTPUT = 350mA
1.1
1.5
V
I OUTPUT = 180mA
0.9
1.3
V
VCLAMP
VCC < 4.5V, I OUTPUT = 180mA
29
33
36
V
s Current Sense
Short Circuit Current
350
500
650
mA
Open Circuit Current
Output in the ON state
20
40
60
mA
s Control - Input
Input Voltage
Logic = High
2.0
V
Logic = Low
0.8
V
Input Current
Control = VCC
40
80
µA
s Fault Output - (Open Collector)
Output Low Voltage
I FAULT = 250µA (sink)
0.24
0.40
V
s Overtemperature Shutdown
TJ Output Disable Threshold
(Guaranteed by Design)
150
180
ûC
TJ Hysteresis
(Guaranteed by Design)
5
ûC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com