Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS209A Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS209A
Description  Proximity Detector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS209A Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS209A Datasheet HTML 1Page - Cherry Semiconductor Corporation CS209A Datasheet HTML 2Page - Cherry Semiconductor Corporation CS209A Datasheet HTML 3Page - Cherry Semiconductor Corporation CS209A Datasheet HTML 4Page - Cherry Semiconductor Corporation CS209A Datasheet HTML 5Page - Cherry Semiconductor Corporation CS209A Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Electrical Characteristics: -40¡C ² TA ² 125¡C unless otherwise specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
8
6
4
2
100
4
8
12
16
20
Output Load (k
W)
(T = 22
°C, VCC= 12V)
-40
-20
0
20
40
60
80
100
120
2.5
3.5
4.5
5.5
6.5
Temperature (
°C)
(VCC = 12V, Rload = 1k
W)
Output Switching Delay vs. Temperature
Output Switching Delay vs. Output Load
Typical Performance Characteristics
Package Pin Description
PACKAGE PIN#
PIN SYMBOL
FUNCTION
8L PDIP & SO
14L SO
1
1
OSC
Adjustable feedback resistor connected between OSC and
RF sets detection range.
2
2
TANK
Connects to parallel tank circuit.
3
3
Gnd
Ground connection.
4
4
OUT1
Complementary open collector output; When OUT1 =
LOW, metal is present.
5
6
OUT2
Complementary open collector output; When OUT2 =
HIGH, metal is present.
6
10
DEMOD
Input to comparator controlling OUT1 and OUT 2.
712
VCC
Supply voltage.
8
13
RF
Adjustable feedback resistor connected between OSC and
RF set detection range.
5,7,8,9,11,14
NC
No Connection.
Supply Current ICC
VCC = 4V
3.5
6.0
mA
VCC = 12V
6.0
11.6
mA
VCC = 24V
11.0
20.0
mA
Tank Current
VCC = 20V
-550
-300
-100
µA
Demodulator Charge Current VCC = 20V
-60
-30
-10
µA
Output Leakage Current
VCC = 24V
0.01
10.00
µA
Output VSAT
VCC = 4V, IS =20mA
60
200
mV
VCC = 24V, IS =100mA
200
500
mv
Oscillator Bias
VCC = 20V
1.1
1.9
2.5
V
Feedback Bias
VCC = 20V
1.1
1.9
2.5
V
Osc - Rf Bias
VCC = 20V
-250
100
550
mV
Protect Voltage
ITANK = -10mA
-10.0
-8.9
-7.0
V
Detect Threshold
720
1440
1950
mV
Release Threshold
550
1200
1700
mV



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com