Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS209A Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS209A
Description  Proximity Detector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS209A Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS209A Datasheet HTML 1Page - Cherry Semiconductor Corporation CS209A Datasheet HTML 2Page - Cherry Semiconductor Corporation CS209A Datasheet HTML 3Page - Cherry Semiconductor Corporation CS209A Datasheet HTML 4Page - Cherry Semiconductor Corporation CS209A Datasheet HTML 5Page - Cherry Semiconductor Corporation CS209A Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Features
OSC
Feedback
GND
VCC
23.6k
W
4.8k
W
300
mA
VCC
OSC
RF
TANK
DEMOD
OUT1
OUT2
Neg Transient
Suppression
Oscillator
DEMOD
VBE/R Current
Regulator
COMP
+
-
DVBE/R Current
Regulator
s
Separate Current
Regulator for Oscillator
s
Negative Transient
Suppression
s
Variable Low-Level
Feedback
s
Improved Performance
over Temperature
s
6mA Supply Current
Consumption at
VCC = 12V
s
Output Current Sink
Capability
20mA at 4VCC
100mA at 24VCC
Package Options
8L PDIP & SO
14L SO
Proximity Detector
7
8
1
2
3
4
5
6
OSC
TANK
Gnd
OUT1
RF
VCC
DEMOD
OUT2
10
7
14
13
12
8
1
2
3
4
5
6
11
9
OSC
TANK
Gnd
OUT1
N.C.
OUT2
N.C.
N.C.
RF
VCC
N.C.
DEMOD
N.C.
N.C.
CS209A
Description
The CS209A is a bipolar monolithic
integrated circuit for use in metal detec-
tion/proximity sensing applications.
The IC (see block diagram) contains two
on-chip current regulators, oscillator
and low-level feedback circuitry, peak
detection/demodulation circuit, a com-
parator and two complementary output
stages.
The oscillator, along with an external
LC network, provides controlled oscilla-
tions where amplitude is highly depen-
dent on the Q of the LC tank. During
low Q conditions, a variable low-level
feedback circuit provides drive to main-
tain oscillation. The peak demodulator
senses the negative portion of the oscil-
lator envelop and provides a demodu-
lated waveform as input to the com-
parator. The comparator sets the states
of the complementary outputs by com-
paring the input from the demodulator
to an internal reference. External loads
are required for the output pins.
A transient suppression circuit is
included to absorb negative transients
at the tank circuit terminal.
Block Diagram
Absolute Maximum Ratings
Supply Voltage ................................................................................................24V
Power Dissipation (TA = 125¡C).............................................................200mW
Storage Temperature Range ....................................................Ð55¡C to +165¡C
Junction Temperature...............................................................Ð40¡C to +150¡C
Electrostatic Discharge (except TANK pin) ................................................2kV
Lead Temperature Soldering
Wave Solder(through hole styles only) ...........10 sec. max, 260¡C peak
Reflow (SMD styles only) ...........60 sec. max above 183¡C, 230¡C peak
A
Company
¨
Rev. 3/11/99
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com


Similar Part No. - CS209A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS209A ONSEMI-CS209A Datasheet
219Kb / 8P
Proximity Detector
July, 2006 ??Rev. 3
CS209AYD14 ONSEMI-CS209AYD14 Datasheet
219Kb / 8P
Proximity Detector
July, 2006 ??Rev. 3
CS209AYD8 ONSEMI-CS209AYD8 Datasheet
219Kb / 8P
Proximity Detector
July, 2006 ??Rev. 3
CS209AYDR14 ONSEMI-CS209AYDR14 Datasheet
219Kb / 8P
Proximity Detector
July, 2006 ??Rev. 3
CS209AYDR8 ONSEMI-CS209AYDR8 Datasheet
219Kb / 8P
Proximity Detector
July, 2006 ??Rev. 3
More results

Similar Description - CS209A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS209A ONSEMI-CS209A Datasheet
219Kb / 8P
Proximity Detector
July, 2006 ??Rev. 3
logo
ams AG
TMD2671 AMSCO-TMD2671 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
TMD2672 AMSCO-TMD2672 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
TSL2671 AMSCO-TSL2671 Datasheet
725Kb / 27P
DIGITAL PROXIMITY DETECTOR
TSL2672 AMSCO-TSL2672 Datasheet
749Kb / 31P
DIGITAL PROXIMITY DETECTOR
TMD26721 AMSCO-TMD26721 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
logo
TEXAS ADVANCED OPTOELEC...
TMD26713 TAOS-TMD26713 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
TMD26723 TAOS-TMD26723 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
logo
Silicon Laboratories
SI1102 SILABS-SI1102 Datasheet
139Kb / 16P
OPTICAL PROXIMITY DETECTOR
logo
ams AG
TSL26721 AMSCO-TSL26721 Datasheet
750Kb / 46P
Digital Proximity Detector
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com