Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS209A Datasheet(PDF) 5 Page - Cherry Semiconductor Corporation

Part # CS209A
Description  Proximity Detector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS209A Datasheet(HTML) 5 Page - Cherry Semiconductor Corporation

  CS209A Datasheet HTML 1Page - Cherry Semiconductor Corporation CS209A Datasheet HTML 2Page - Cherry Semiconductor Corporation CS209A Datasheet HTML 3Page - Cherry Semiconductor Corporation CS209A Datasheet HTML 4Page - Cherry Semiconductor Corporation CS209A Datasheet HTML 5Page - Cherry Semiconductor Corporation CS209A Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Test and Application Diagram
20k
W
4300pF
Gnd
VCC
RL
1k
W
RL
1k
W
NORMALLY
HI
NORMALLY
LO
CDEMOD
2200 pF
L
OSC
RF
TANK
DEMOD
OUT1
OUT2
L: Core: Siemens B65531-D-R-33
52 Turns, 6x44 AWG, Litz Unserved
Single Polyurethane
CS209A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com