Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3S-R36 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E3S-R36
Description  Ideal for Detecting Glass Wafers and Other Transparent Objects
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-R36 Datasheet(HTML) 3 Page - Omron Electronics LLC

  E3S-R36 Datasheet HTML 1Page - Omron Electronics LLC E3S-R36 Datasheet HTML 2Page - Omron Electronics LLC E3S-R36 Datasheet HTML 3Page - Omron Electronics LLC E3S-R36 Datasheet HTML 4Page - Omron Electronics LLC E3S-R36 Datasheet HTML 5Page - Omron Electronics LLC E3S-R36 Datasheet HTML 6Page - Omron Electronics LLC E3S-R36 Datasheet HTML 7Page - Omron Electronics LLC E3S-R36 Datasheet HTML 8Page - Omron Electronics LLC E3S-R36 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
E3S-R
3
Sensor I/O Connectors (M12) (Refer to Dimensions on XS2.)
Note: For details on Sensor I/O Connectors and cables such as vibration-proof robot cables, refer to Introduction to Sensor I/O Connectors.
Ratings and Specifications
*1. Refer to MSR function of Technical Guide (Technical version).
*2. Values in parentheses indicate the minimum required distance between the Sensor and Reflector.
Cable
Appearance
Cable type
Model
Standard
2 m
3-wire
XS2F-D421-DC0-F
5 m
XS2F-D421-GC0-F
2 m
XS2F-D422-DC0-F
5 m
XS2F-D422-GC0-F
Item
Sensing method
Retro-reflective
Retro-reflective
(with MSR function) *1
Retro-reflective
Model
NPN
E3S-R12, R62, R17, R67
E3S-R11, R16, R61, R66
E3S-RS30E4, RS30E42
E3S-R1E4, R1E42
PNP
---
E3S-R31, R36, R81, R86
---
---
Sensing distance
300 mm [100 mm] *2
(When using E39-R1)
1 m [100 mm] *2
(When using E39-R1)
300 mm
(When using E39-R1)
1 m
(When using E39-R1)
Standard sensing
object
Opaque: 75-mm dia. min.
0.7-mm-thick LCD glass
boards; 10-mm-dia., 1.0-mm-
thick, 30-mm-long cylindrical
glass objects
Opaque: 75-mm dia. min.
0.7-mm-thick LCD glass
boards
Opaque: 75-mm dia. min.
10-mm-dia., 1.0-mm-thick, 30-mm-long cylindrical glass ob-
jects
Directional angle
3
° to 10°
---
Light source
(wavelength)
Infrared LED (880 nm)
Red LED (700 nm)
Infrared LED (950 nm)
Power supply
voltage
10 to 30 VDC; ripple: 10% max.
12 to 24 VDC
±10%; ripple: 10% max.
Current consumption 30 mA max.
40 mA max.
Control output
Load power supply voltage: 30 VDC max.
Load current: 100 mA max. with a maximum residual voltage
of 1 V
Open collector output configuration
Light-ON/Dark-ON selector switch
Load power supply voltage: 24 VDC max
Load current: 80 mA max. with a maximum residual voltage:
of 2 V
NPN voltage output configuration
Light-ON/Dark-ON cable connection selection
Protection circuits
Power supply reverse polarity protection, Output short-circuit protection, Mutual interference prevention
Response time
Operate or reset: 1 ms max.
Sensitivity
adjustment
Two-turn endless adjuster
One-turn adjuster
Ambient illumination
(Receiver side)
Incandescent lamp: 5,000 lx max.
Sunlight: 10,000 lx max.
Incandescent lamp: 3,000 lx max.
Sunlight: 10,000 lx max.
Ambient
temperature range
Operating: 0 to 40
°C, Storage: −40 to 70°C (with no icing or condensation)
Operating:
−25 to 55°C
Storage:
−40 to 70°C
(with no icing or condensa-
tion)
Ambient
humidity range
Operating: 35% to 85%, Storage: 35% to 95% (with no condensation)
Insulation resistance
20 M
Ω min. (at 500 VDC)
Dielectric strength
1,000 VAC, 50/60 Hz for 1 min
Vibration resistance
Destruction: 10 to 55 Hz, 1.5-mm double amplitude for 2 h each in X, Y, and Z directions
Shock resistance
Destruction: 500 m/s2 for 3 times each in X, Y, and Z directions
Degree of protection
IEC 60529 IP67
Connection method
Pre-wired (standard length: 2 m)/Standard connector
Weight
(packed state)
Pre-wired models: Approx. 110 g
Standard connector: Approx. 60 g
Pre-wired models: Approx. 190 g
Ma-
teri-
als
Case
Polybutylene terephthalate
Zinc die-cast
Lens
Modified polyallylate
Polycarbonate
Mounting
Bracket
Stainless steel (SUS304)
Iron
Accessories
Mounting Bracket (with screw), Adjustment screwdriver, In-
struction manual, Reflector
Mounting Bracket (with screw), Adjustment screwdriver,
Sensitivity adjuster, Instruction manual, Reflector
Straight
L-shape



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com