Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3S-R36 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E3S-R36
Description  Ideal for Detecting Glass Wafers and Other Transparent Objects
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-R36 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E3S-R36 Datasheet HTML 2Page - Omron Electronics LLC E3S-R36 Datasheet HTML 3Page - Omron Electronics LLC E3S-R36 Datasheet HTML 4Page - Omron Electronics LLC E3S-R36 Datasheet HTML 5Page - Omron Electronics LLC E3S-R36 Datasheet HTML 6Page - Omron Electronics LLC E3S-R36 Datasheet HTML 7Page - Omron Electronics LLC E3S-R36 Datasheet HTML 8Page - Omron Electronics LLC E3S-R36 Datasheet HTML 9Page - Omron Electronics LLC E3S-R36 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
E3S-R
6
PNP Output
Plug (Sensor I/O Connector)
*1. Reverse the polarity of the power supply to change the output mode of the E3S-R.
*2. Voltage output (When connecting a transistor circuit, etc.)
Model
Operation
mode
Timing Charts
Operation selector
Output circuit
E3S-R31
E3S-R36
E3S-R81
E3S-R86
Light-ON
L side
(LIGHT ON)
Dark-ON
D side
(DARK ON)
Model
Operation
mode
Timing Charts
Cable
Connection
Output circuit
E3S-RS30E4(42)
E3S-R1E4(42)
Light-ON
Brown cable:
+V
Blue cable:
0 V
Dark-ON
Brown cable:
0 V
Blue cable:
+V
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Reset
Light indicator
(Red)
(Between blue
and black leads)
Output
transistor
Load
(e.g., relay)
Note: Pin 2 is not used.
Connector Pin Arrangement
3
1
2
4
1
4
3
ZD
Brown
Black
Blue
10 to
30 VDC
Light
indicator
Stability
indicator
(Red)
(Green)
Photo-
electric
Sensor
main
circuit
Load
(relay)
100 mA max.
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Reset
Light indicator
(Red)
(Between blue
and black leads)
Output
transistor
Load
(e.g., relay)
Note: Pin 2 is not used.
Clas-
sifica-
tion
Wire color
Connection
pin No.
Application
DC
Brown
1
Power supply (+V)
---
2
---
Blue
3
Power supply (0 V)
Black
4
Output
2
4
13
1
2
3
4
Brown
Blue
Black
Terminal No.
XS2F-D421-DC0-F
Refer to Introduction
to Sensor I/O
connectors for
details.
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Reset
H
L
Light indicator
(Red)
(Between blue and black leads)
Output
transistor
Load 1
(e.g., relay)
Load 2
(Between brown and black leads)
Light
indicator
Stability
indicator
(Red)
(Green)
Photo-
electric
Sensor
Main
Circuit
1.5 to
4 mA
12 to
24 VDC
0 V
Brown *1
Black
*2
Blue *1
Load 2
Load 1
(relay)
80 mA max.
1.5 to 4 mA
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Reset
H
L
Light indicator
(Red)
(Between brown and black leads)
Output
transistor
Load 1
(e.g., relay)
Load 2
(Between blue and black leads)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com