Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3S-R36 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E3S-R36
Description  Ideal for Detecting Glass Wafers and Other Transparent Objects
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-R36 Datasheet(HTML) 5 Page - Omron Electronics LLC

  E3S-R36 Datasheet HTML 1Page - Omron Electronics LLC E3S-R36 Datasheet HTML 2Page - Omron Electronics LLC E3S-R36 Datasheet HTML 3Page - Omron Electronics LLC E3S-R36 Datasheet HTML 4Page - Omron Electronics LLC E3S-R36 Datasheet HTML 5Page - Omron Electronics LLC E3S-R36 Datasheet HTML 6Page - Omron Electronics LLC E3S-R36 Datasheet HTML 7Page - Omron Electronics LLC E3S-R36 Datasheet HTML 8Page - Omron Electronics LLC E3S-R36 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
E3S-R
5
Light Level Change Rates with Various Transparent Objects (*1)
The following are the permeation rates of various transparent objects on condition that a permeation rate of 100 means that there is no object within
the sensing distance of the E3S-R. The permeation rate of any type of object sensed by the E3S-R must be as low as possible for reliable detection
of the object. Before using the E3S-R, be sure to test it on samples to make sure it can detect the items reliably.
*1. The sensing distance of each model was set to the rated sensing distance.
*2. The permeability values were checked with light at a wavelength of 700
μm.
I/O Circuit Diagrams
NPN Output
Sensing object
Appearance
Model
E3S-R12, R62
E3S-R17, R67
E3S-R11, R31, R61, R81
E3S-R16, R36, R66, R86
E3S-RS30
@@
E3S-R1
@@
Through
position
Center
Center
Center
Center
Cylindri-
cal
glass
object
10 dia.
× 30, t = 1.0
27
---
20
33
15 dia.
× 30, t = 1.25
27
---
20
13
20 dia.
× 30, t = 1.7
22
---
28
13
30 dia.
× 30, t = 1.9
41
---
43
23
100 dia.
× 30, t = 2.5
58
---
55
50
200 dia.
× 30, t = 5.0
55
---
58
58
Glass
plate
50
× 50, t = 0.5
82
82
78
---
50
× 50, t = 1
74
74
70
75
50
× 50, t = 2
73
73
70
75
50
× 50, t = 3
62
62
58
65
50
× 50, t = 5
53
53
50
55
50
× 50, t = 10
38
38
35
40
Liquid
crystal
glass
t = 0.5
(permeability of 98%) *2
86
86
---
---
t = 0.7
(permeability of 95%) *2
81
81
---
---
t = 1.1
(permeability of 91%) *2
75
75
---
---
Operating range
95 max.
95 max.
90 max.
80 max.
Stable operating range
90 max.
90 max.
70 max.
60 max.
Model
Operation
mode
Timing Charts
Operation
selector
Output circuit
E3S-R11(12)
E3S-R61(62)
E3S-R16(17)
E3S-R66(67)
Light-ON
L side
(LIGHT ON)
Dark-ON
D side
(DARK ON)
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Reset
Light indicator
(Red)
(Between brown
and black leads)
Output
transistor
Load
(e.g., relay)
Note: Pin 2 is not used.
Connector Pin Arrangement
3
1
2
4
1
4
3
ZD
100 mA max.
Brown
Black
Blue
10 to
30 VDC
Light
indicator
Stability
indicator
(Red)
(Green)
Photo-
electric
Sensor
main
circuit
Load
(relay)
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Reset
Light indicator
(Red)
(Between brown
and black leads)
Output
transistor
Load
(e.g., relay)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com