Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC4046AL-P16-R Datasheet(PDF) 16 Page - Unisonic Technologies

Part # U74HC4046AL-P16-R
Description  PHASE LOCKED LOOP WITH VCO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC4046AL-P16-R Datasheet(HTML) 16 Page - Unisonic Technologies

Back Button U74HC4046AL-P16-R Datasheet HTML 11Page - Unisonic Technologies U74HC4046AL-P16-R Datasheet HTML 12Page - Unisonic Technologies U74HC4046AL-P16-R Datasheet HTML 13Page - Unisonic Technologies U74HC4046AL-P16-R Datasheet HTML 14Page - Unisonic Technologies U74HC4046AL-P16-R Datasheet HTML 15Page - Unisonic Technologies U74HC4046AL-P16-R Datasheet HTML 16Page - Unisonic Technologies U74HC4046AL-P16-R Datasheet HTML 17Page - Unisonic Technologies U74HC4046AL-P16-R Datasheet HTML 18Page - Unisonic Technologies U74HC4046AL-P16-R Datasheet HTML 19Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
U74HC4046A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
16 of 19
www.unisonic.com.tw
QW-R502-461.C
APPLICATION INFORMATION(Cont.)
VCO Frequency with Extra Offset
(Phase Comparator: PC1, PC2 or PC3)
Frequency characteristic:
With R1 and R2 between 3 kΩ and 300 kΩ, the characteristics of the VCO operation will be as shown in Fig.12.
due to R1, C1
fVCO
fMAX
f0
fMIN
½ VCC
VCC–0.9V
VCC
VCOIN
0.9V
2fL
fOFF
due to R2, C1
Fig.12 Frequency characteristic of VCO operating with offset:
f0 = centre frequency; 2fL = frequency lock range.
PC1, PC2 or PC3
Selection of R1, R2 and C1
Given fo and fL, determine the value of R1×C1
Calculate fOFF from the equation fOFF = fO – 1.6fL
Obtain the values of C1 and R2
Calculate the value of R1 from the value of C1 and R1×C1.
Subject
Phase comparator
Design considerations
PLL Conditions with no
Signal at the SIGIN Input
PC1
VCO adjusts to fo with φDEMOUT = 90° and VVCONIN = 1/2 VCD (Fig.1).
PC2
VCO adjusts to fo with φDEMOUT = -360° and VVCONIN = min. (Fig.3).
PC3
VCO adjusts to fo with φDEMOUT = -360° and VVCONIN = min. (Fig.5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com