Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC4046AL-P16-R Datasheet(PDF) 11 Page - Unisonic Technologies

Part # U74HC4046AL-P16-R
Description  PHASE LOCKED LOOP WITH VCO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC4046AL-P16-R Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button U74HC4046AL-P16-R Datasheet HTML 7Page - Unisonic Technologies U74HC4046AL-P16-R Datasheet HTML 8Page - Unisonic Technologies U74HC4046AL-P16-R Datasheet HTML 9Page - Unisonic Technologies U74HC4046AL-P16-R Datasheet HTML 10Page - Unisonic Technologies U74HC4046AL-P16-R Datasheet HTML 11Page - Unisonic Technologies U74HC4046AL-P16-R Datasheet HTML 12Page - Unisonic Technologies U74HC4046AL-P16-R Datasheet HTML 13Page - Unisonic Technologies U74HC4046AL-P16-R Datasheet HTML 14Page - Unisonic Technologies U74HC4046AL-P16-R Datasheet HTML 15Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
U74HC4046A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
11 of 19
www.unisonic.com.tw
QW-R502-461.C
PHASE COMPARATORS (Cont.)
Phase comparator 2 (PC2)
This is a positive edge-triggered phase and frequency detector. If the PLL is using the comparator, the loop is
controlled by positive signal transitions and the duty factors of SIGIN and COMPIN are not important. PC2 is
comprised of two D-type flip-flops, control-gating and a 3-state output stage. The circuit function is as an up-down
counter (Logic Diagram) for SIGIN causes an up-count and COMPIN causes a down-count.
The transfer function of PC2, assuming ripple (fr = fi) is suppressed, is
)
(
4
V
V
COMPIN
SIGIN
DEMOUT
CC
φ
φ
π
−
=
where VDEMOUT is the demodulator output at pin 10; VDEMOUT = VPC2OUT (via low-pass filter).
The phase comparator gain is:
)
r
V /
(
4
V
K
CC
P
π
=
As shown in Fig.3, VDEMOUT is the resultant of the initial phase differences of SIGIN and COMPIN. Typical
waveforms for the PC2 loop locked at fo are shown in Fig.4.
π
4
Fig.3 Phase comparator 2: average output voltage versus input phase difference.
Fig.4 Typical waveforms for PLL using phase comparator 2, loop locked at fo.
If the frequencies of SIGIN and COMPIN are equal but the phase of SIGIN leads that of COMPIN, the p-type
output driver at PC2OUT is held “ON” for a time corresponding to the phase difference (φDEMOUT). If the phase of
SIGIN lags that of COMPIN, the n-type driver is held “ON”.
If the frequency of SIGIN is higher than that of COMPIN, the p-type output driver is held “ON” for most of the
input signal cycle time, and for the remainder of the cycle both n and p-type drivers are “OFF” (3-state). If the
frequency of SIGIN is lower than that of COMPIN, the n-type driver that is held “ON” for most of the cycle. Then the
voltage at the capacitor (C2) of the low-pass filter connected to PC2OUT varies until the signal and comparator inputs
are equal in both phase and frequency. At this stable state the voltage on C2 remains constant as the PC2 output is
in 3-state and the VCO input at pin 9 is a high impedance. Also in the condition, the signal at the phase comparator
pulse output (PCPOUT) is a HIGH level, and it indicates a locked condition.
For PC2, there is no phase difference between SIGIN and COMPIN over the full frequency range of the VCO.
And as the low-pass filter, the power dissipation is reduced because both p and n-type drivers are “OFF” for most of
the signal input cycle. It should be noted that the PLL lock range for this type of phase comparator is equal to the
capture range and this is independent of the low-pass filter. The VCO adjusts to its lowest frequency via PC2 when
no signal present at SIGIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com