Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC4046AL-P16-R Datasheet(PDF) 14 Page - Unisonic Technologies

Part # U74HC4046AL-P16-R
Description  PHASE LOCKED LOOP WITH VCO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC4046AL-P16-R Datasheet(HTML) 14 Page - Unisonic Technologies

Back Button U74HC4046AL-P16-R Datasheet HTML 10Page - Unisonic Technologies U74HC4046AL-P16-R Datasheet HTML 11Page - Unisonic Technologies U74HC4046AL-P16-R Datasheet HTML 12Page - Unisonic Technologies U74HC4046AL-P16-R Datasheet HTML 13Page - Unisonic Technologies U74HC4046AL-P16-R Datasheet HTML 14Page - Unisonic Technologies U74HC4046AL-P16-R Datasheet HTML 15Page - Unisonic Technologies U74HC4046AL-P16-R Datasheet HTML 16Page - Unisonic Technologies U74HC4046AL-P16-R Datasheet HTML 17Page - Unisonic Technologies U74HC4046AL-P16-R Datasheet HTML 18Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
U74HC4046A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
14 of 19
www.unisonic.com.tw
QW-R502-461.C
AC WAVEFORMS
SIGIN, COMPIN
VM
VM
tPHL
tPLH
PCPOUT
PC1OUT
PC3OUT
tTLH
tTHL
VM= 50%, VH= 90%, VL= 10%
Fig.8 Waveforms showing input (SIGIN, COMPIN) to output (PCPOUT, PC1OUT, PC3OUT) propagation delays and the
output transition times.
Fig.9 Waveforms showing the 3-state enable and disable times for PC2OUT.
Fig.10 Definition of VCO frequency linearity: ∆V = 0.5 V over the VCC range:
For VCO linearit
y f’0 = (f1+f2)/2, linearity (f’0+f0)/f’0 ×100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com