Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LCX74L-P14-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # U74LCX74L-P14-R
Description  LOW VOLTAGE DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP WITH 5V TOLERANT INPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LCX74L-P14-R Datasheet(HTML) 2 Page - Unisonic Technologies

  U74LCX74L-P14-R Datasheet HTML 1Page - Unisonic Technologies U74LCX74L-P14-R Datasheet HTML 2Page - Unisonic Technologies U74LCX74L-P14-R Datasheet HTML 3Page - Unisonic Technologies U74LCX74L-P14-R Datasheet HTML 4Page - Unisonic Technologies U74LCX74L-P14-R Datasheet HTML 5Page - Unisonic Technologies U74LCX74L-P14-R Datasheet HTML 6Page - Unisonic Technologies U74LCX74L-P14-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
U74LCX74
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R502-999. A
PIN CONFIGURATION
PIN DESCRIPTIONS
Pin Names
Description
D1, D2
Data inputs
CP1, CP2
Clock Pulse Inputs
1
D
C
,
2
D
C
Direct Clear Inputs
1
D
S
,
2
D
S
Direct Set Inputs
Q1,
1
Q , Q2,
2
Q
Outputs
FUNCTION TABLE (each gate)
INPUT
OUTPUT
Function
D
S
D
C
CP
D
Q
Q
L
H
X
X
H
L
Asynchronous Set
H
L
X
X
L
H
Asynchronous Clear
L
L
X
X
H
H
Undetermined
H
H
H
H
L
Load and Read Register
H
H
L
L
H
H
H
L
X
Q0
0
Q
Hold
H=High Voltage Level; L=Low Voltage Level;
X=Immaterial; ↑=Low-to-High Clock Transition;
Q0 ( 0
Q )=Previous Q( Q ) before Low-to-High Transition of Clock



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com