Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LCX74L-P14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LCX74L-P14-R
Description  LOW VOLTAGE DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP WITH 5V TOLERANT INPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LCX74L-P14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LCX74L-P14-R Datasheet HTML 1Page - Unisonic Technologies U74LCX74L-P14-R Datasheet HTML 2Page - Unisonic Technologies U74LCX74L-P14-R Datasheet HTML 3Page - Unisonic Technologies U74LCX74L-P14-R Datasheet HTML 4Page - Unisonic Technologies U74LCX74L-P14-R Datasheet HTML 5Page - Unisonic Technologies U74LCX74L-P14-R Datasheet HTML 6Page - Unisonic Technologies U74LCX74L-P14-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
U74LCX74
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-999. A
ABSOLUTE MAXIMUM RATING (unless otherwise specified)(Note 1)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~7.0
V
Input Voltage
VIN
-0.5~ 7.0
V
Output Voltage
VOUT
-0.5~VCC+0.5
V
Input Diode Current(VI<GND)
IIK
-50
mA
Output Diode Current(VO<GND or VO>VCC)
IOK
±50
mA
Output Current
IOUT
±50
mA
VCC or GND Current
ICC
±100
mA
Ground Current
IGND
±100
mA
Storage Temperature
TSTG
-65 ~ +150
°C
Notes: 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING COMDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
2.0
3.6
V
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
0
VCC
V
Input Transition Rise or Fall Rate
∆t/∆v
Input Edge Rate,
VIN=0.8V-2V, VCC=3v
0
10
ns/V
Operating Temperature
TA
-40
+85
°C
STATIC CHARACTERISTICS (TA=-40°C to +85°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-level input voltage
VIH
VCC=2.3V to 2.7V
1.7
V
VCC =2.7V to 3.6V
2.0
Low-level input voltage
VIL
VCC=2.3V to 2.7V
0.7
V
VCC =2.7V to 3.6V
0.8
High-Level Output Voltage
VOH
VCC=2.3V to 3.6V, IOH=-100μA
VCC-0.2
V
VCC=2.3V, IOH=-8mA
1.8
VCC=2.7V, IOH=-12mA
2.2
VCC=3V, IOH=-18mA
2.4
VCC=3V, IOH=-24mA
2.2
Low-Level Output Voltage
VOL
VCC=2.3V to 3.6V, IOL=100uA
0.2
V
VCC=2.3V, IOL=8mA
0.6
VCC=2.7V, IOL=12mA
0.4
VCC=3V, IOL=16mA
0.4
VCC=3V, IOL=24mA
0.55
Input Leakage Current
II(LEAK)
VCC =2.3V ~ 3.6V, VIN=0 ~ 5.5V
±5
μA
Quiescent Supply Current
IQ
VCC = 2.3V to 3.6V,
VIN= VCC or GND
10
μA
VCC = 2.3V to 3.6V, 3.6V≤VIN≤5.5V
±10
Increase ICC per input
∆IQ
VCC=2.3V to 3.6V, VIH=VCC-0.6V
500
μA
Power-Off Leakage Current
IOFF
VCC=0, VIN or VOUT = 5.5V
10
μA
Input Capacitance
CIN
VCC=Open, VI=0 or VCC
7.0
pF
Output Capacitance
COUT
VCC=3.3V, VI=0 or VCC
8.0
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com