Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LCX74L-P14-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74LCX74L-P14-R
Description  LOW VOLTAGE DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP WITH 5V TOLERANT INPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LCX74L-P14-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74LCX74L-P14-R Datasheet HTML 1Page - Unisonic Technologies U74LCX74L-P14-R Datasheet HTML 2Page - Unisonic Technologies U74LCX74L-P14-R Datasheet HTML 3Page - Unisonic Technologies U74LCX74L-P14-R Datasheet HTML 4Page - Unisonic Technologies U74LCX74L-P14-R Datasheet HTML 5Page - Unisonic Technologies U74LCX74L-P14-R Datasheet HTML 6Page - Unisonic Technologies U74LCX74L-P14-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
U74LCX74
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R502-999. A
DYNAMIC CHARACTERISTICS (Input: tr, tf =3ns, f=1MHz, TA= -40°C to 85°C, RL=500Ω)
PARAMETER
SYMBOL
Conditions
MIN
TYP
MAX
UNIT
Maximum Clock Frequency
fMAX
VCC=2.5V±0.2V, CL=30pF
150
MHZ
VCC=2.7V, CL=50pF
150
VCC=3.3V±0.3V, CL=50pF
150
Propagation Delay
CPn to Qn or Qn
tPHL/tPLH
VCC=2.5V±0.2V, CL=30pF
1.5
8.4
ns
VCC=2.7V, CL=50pF
1.5
8.0
VCC=3.3V±0.3V, CL=50pF
1.5
7.0
Propagation Delay
Dn
Cor
Dn
S
to Qn or Qn
tPHL/tPLH
VCC=2.5V±0.2V, CL=30pF
1.5
8.4
ns
VCC=2.7V, CL=50pF
1.5
8.0
VCC=3.3V±0.3V, CL=50pF
1.5
7.0
Setup Time
tS
VCC=2.5V±0.2V, CL=30pF
4.0
ns
VCC=2.7V, CL=50pF
2.5
VCC=3.3V±0.3V, CL=50pF
2.5
Hold Time
tH
VCC=2.5V±0.2V, CL=30pF
2.0
ns
VCC=2.7V, CL=50pF
1.5
VCC=3.3V±0.3V, CL=50pF
1.5
Pulse Width CP
tW
VCC=2.5V±0.2V, CL=30pF
4.0
ns
VCC=2.7V, CL=50pF
3.3
VCC=3.3V±0.3V, CL=50pF
3.3
Pulse Width and
Dn
C, Dn
S
tW
VCC=2.5V±0.2V, CL=30pF
4.0
ns
VCC=2.7V, CL=50pF
3.6
VCC=3.3V±0.3V, CL=50pF
3.3
See Fig. 1 and Fig. 2 for test circuit and waveforms.
OPERATING CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Dissipation Capacitance
CPD
VCC=3.3V, VI=0V or VCC, f=10MHz
25
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com