Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51021 Datasheet(PDF) 7 Page - Cherry Semiconductor Corporation

Part # CS51021
Description  Enhanced Current Mode PWM Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS51021 Datasheet(HTML) 7 Page - Cherry Semiconductor Corporation

  CS51021 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS51021 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS51021 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS51021 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS51021 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS51021 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS51021 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS51021 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS51021 Datasheet HTML 9Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
input of the PWM comparator is a combination of these
two voltages. The slope compensation,
, is calcu-
lated using the following formula:
= 0.1 ×
It should be noted that internal capacitance of the IC will
cause an error when determining slope compensation
capacitance CS. This error is typically small for large val-
ues of CS, but increases as CS becomes small and compara-
ble to the internal capacitance. The effect is apparent as a
reduction in charging current due to the need to charge
the internal capacitance in parallel with CS. Figure 3 shows
a typical curve indicating this decrease in available charg-
ing current.
Figure 3: The slope compensation pin charge current reduces when a
small capacitor is used.
Undervoltage (UV) and Overvoltage (OV) Monitor
Two independent comparators monitor OV and UV con-
ditions. A string of three resistors is connected in series
between the monitored voltage (usually the input voltage)
and ground (see Figure 4). When voltage at the OV pin
exceeds 2.5V, an overvoltage condition is detected and
GATE shuts down. An internal 12.5µA current source
turns on and feeds current into the external resistor, R3,
creating a hysteresis determined by the value of this resis-
tor (the higher the value, the greater the hysteresis). The
hysteresis voltage of the OV monitor is determined by the
following formula:
VOV(HYST) = 12.5µA × R3
where R3 is a resistor connected from the OV pin to ground.
When the monitored voltage is low and the UV pin is less
than 1.45V, GATE shuts down. The UV pin has fixed 75mV
hysteresis.
Both OV and UV conditions are latched until the Soft Start
capacitor is discharged. This way, every time a fault con-
dition is detected the controller goes through the power
up sequence.
Figure 4: UV/OV Monitor Divider
To calculate the OV/UV resistor divider:
1. Solve for R3, based on OV hysteresis requirements.
R3 =
’
where VOV(HYST) is the desired amount of overvoltage hys-
teresis, and VMAX is the input voltage at which the supply
will shut down.
2. Find the total impedance of the divider.
RTOT = R1 + R2 + R3 =
3. Determine the value of R2 from the UV threshold condi-
tions.
R2 =
− R3,
where VMIN is the UV voltage at which the supply will
shut down.
4. Calculate R1.
R1 = RTOT − R2 − R3
5. The undervoltage hysteresis is given by:
VUV(HYST) =
Synchronization
A bi-directional synchronization is provided to synchro-
nize several controllers. When SYNC pins are connected
together, the converters will lock to the highest switching
frequency. The fastest controller becomes the master, pro-
ducing a 4.3V, 200ns pulse train. Only one, the highest fre-
quency SYNC signal, will appear on the SYNC line.
Sleep
The sleep input is an active high input. The CS51022/51024
is placed in sleep mode when SLEEP is driven high. In
sleep mode, the controller and MOSFET are turned off.
Connect to Gnd for normal operation. The sleep mode
operates at VCC ≤ 15V.
Oscillator and Duty Cycle Limit
The switching frequency is set by RT and CT connected to
the RTCT pin. CT charges and discharges between 3V and
1.5V.
The maximum duty cycle is set by the ratio of the on time,
tON, and the whole period, T = tON + tOFF. Because the
VMIN × 0.075
1.45
1.45 × RTOT
VMIN
VMAX × R3
2.5
VOV(HYST) × 2.5V
VMAX × 12.5µA
VIN
VUV
VOV
R3
R2
R1
60
55
50
45
40
35
30
25
20
10
100
1000
Compensation Cap (pF)
53µA
CS
dVSLOPE
dt
dVSLOPE
dt
Circuit Description: continued



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com