Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51021 Datasheet(PDF) 5 Page - Cherry Semiconductor Corporation

Part # CS51021
Description  Enhanced Current Mode PWM Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS51021 Datasheet(HTML) 5 Page - Cherry Semiconductor Corporation

  CS51021 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS51021 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS51021 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS51021 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS51021 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS51021 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS51021 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS51021 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS51021 Datasheet HTML 9Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Package Pin Description: continued
PACKAGE PIN #
PIN SYMBOL
FUNCTION
+
-
4.75V
VREF
DISABLE
1.33
55µA
VREF = 5V
OSC
Discharge
Latch
2.5V
PWM
Comp
S
R
Q
+
E/A
+
–
START
STOP
+
-
ISET
Clamp
SS
Clamp
12.5µA
OV
Monitor
UV
Monitor
∑
+
–
0.1V
0.1
+
–
VREF
53µA
2V
VREF_OK
Vcc_OK
SS
Monitor
VFB
Monitor
+
–
1.45V
55ns
Blank
×
0.8
10k
20k
VREF
13.5V
VISense
2.5V
4.3V
200ns
G1
F1
G2
D1
Q2
G3
FAULT
ZD1
D4
+
–
4.7V
D2
D3
SS
PGnd
VC
GATE
ISENSE
SLOPE
COMP
VFB
OV
ISET
VREF
VCC
LGnd
SYNC
RTCT
UV
×
G4
×
SLEEP
2nd
Threshold
Figure 1: CS51021/22/23/24 Block Diagram
Block Diagram
16L PDIP & SO Narrow
7RTCT
Timing resistor RT and capacitor CT determine oscillator frequen-
cy and maximum duty cycle, DMAX.
8ISET
Voltage at this pin sets pulse-by-pulse overcurrent threshold, and
second threshold (1.33 times higher) with Soft Start retrigger (hic-
cup mode).
9VFB
Feedback voltage input. Connected to the error amplifier invert-
ing input.
10
COMP
Error amplifier output. Frequency compensation network is usu-
ally connected between COMP and VFB pins.
11
SS
Charging external capacitor restricts error amplifier output volt-
age during the start or fault conditions (hiccup).
12
LGnd
Logic ground.
13
VREF
5.0V reference voltage output.
14
VCC
Logic supply voltage.
15
PGnd
Output power stage ground connection.
16
VC
Output power stage supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com