Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51021 Datasheet (PDF) - Cherry Semiconductor Corporation

CS51021 Datasheet PDF - Cherry Semiconductor Corporation
Part # CS51021
Download  CS51021 Download
File Size   170.4 Kbytes
Page   9 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description Enhanced Current Mode PWM Controller

CS51021 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS51021 Datasheet PDF - Cherry Semiconductor Corporation

Part # CS51021
Download  CS51021 Click to download

File Size   170.4 Kbytes
Page   9 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description Enhanced Current Mode PWM Controller

CS51021 Datasheet (HTML) - Cherry Semiconductor Corporation


CS51021 Product details

Description
The CS51021/22/23/24 Fixed Frequency PWM Current Mode Controller family provides all necessary features required for AC-DC or DC-DC primary side control.

Features
■ 75µA Max. Startup Current
■ Fixed Frequency Current Mode Control
■ 1MHz Switching Frequency
■ Undervoltage Protection Monitor
■ Overvoltage Protection Monitor with Programmable Hysteresis
■ Programmable Dual Threshold Overcurrent Protection with Delayed Restart
■ Programmable Soft Start
■ Accurate Maximum Duty Cycle Limit
■ Programmable Slope Compensation
■ Leading Edge Current Sense Blanking
■ 1A Sink/Source Gate Drive
■ Bidirectional Synchronization (CS51021/23)
■ 50ns PWM Propagation Delay
■ 100µA Max Sleep Current (CS51022/24)




Similar Part No. - CS51021

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51021A ONSEMI-CS51021A Datasheet
130Kb / 11P
Enhanced Current Mode PWM Controller
February, 2006 ??Rev. 8
CS51021A ONSEMI-CS51021A Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
CS51021AA ONSEMI-CS51021AA Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
CS51021AED16 ONSEMI-CS51021AED16 Datasheet
130Kb / 11P
Enhanced Current Mode PWM Controller
February, 2006 ??Rev. 8
CS51021AEDR16 ONSEMI-CS51021AEDR16 Datasheet
130Kb / 11P
Enhanced Current Mode PWM Controller
February, 2006 ??Rev. 8
More results


Similar Description - CS51021

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
Current-mode PWM controller
August 31, 1994
logo
Cherry Semiconductor Co...
CS51221 CHERRY-CS51221 Datasheet
164Kb / 12P
Enhanced Voltage Mode PWM Controller
Rev. 3/26/99
logo
ON Semiconductor
CS51021A ONSEMI-CS51021A Datasheet
130Kb / 11P
Enhanced Current Mode PWM Controller
February, 2006 ??Rev. 8
CS51221 ONSEMI-CS51221 Datasheet
173Kb / 14P
Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
CURRENT MODE PWM CONTROLLER
logo
Linear Dimensions Semic...
LND3842 LINEAR_DIMENSIONS-LND3842 Datasheet
158Kb / 10P
Current Mode PWM Controller
logo
ON Semiconductor
NCP1294 ONSEMI-NCP1294 Datasheet
229Kb / 13P
Enhanced Voltage Mode PWM Controller
July, 2009 ??Rev. 0
CS51221 ONSEMI-CS51221_09 Datasheet
178Kb / 14P
Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
CS51221 ONSEMI-CS51221 Datasheet
178Kb / 14P
Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
Current Mode PWM Controller
More results




About Cherry Semiconductor Corporation


Cherry Semiconductor Corporation was a semiconductor company that was founded in 1953 and based in Massachusetts, USA. The company specialized in the design and manufacture of a variety of semiconductor products, including analog and mixed-signal integrated circuits (ICs), digital ICs, and power management ICs.

Cherry Semiconductor's products were used in a variety of applications, including telecommunications, automotive, and industrial control systems. The company was known for its high-quality and reliable products, and its technology was widely used by customers in a range of industries.

In 2000, Cherry Semiconductor was acquired by ON Semiconductor, a leading supplier of semiconductor-based solutions for the automotive, communications, computing, consumer, industrial, and medical industries. Today, many of Cherry Semiconductor's products are still used by customers in these industries, and the company's legacy of innovation and high-quality semiconductor products lives on through ON Semiconductor's product offerings.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com