Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51221 Datasheet (PDF) - Cherry Semiconductor Corporation

CS51221 Datasheet PDF - Cherry Semiconductor Corporation
Part # CS51221
Download  CS51221 Download
File Size   164.42 Kbytes
Page   12 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description Enhanced Voltage Mode PWM Controller

CS51221 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS51221 Datasheet PDF - Cherry Semiconductor Corporation

Part # CS51221
Download  CS51221 Click to download

File Size   164.42 Kbytes
Page   12 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description Enhanced Voltage Mode PWM Controller

CS51221 Datasheet (HTML) - Cherry Semiconductor Corporation


CS51221 Product details

Description
The CS51221 fixed frequency feed forward voltage mode PWM controller contains all of the features necessary for basic voltage mode operation. This PWM controller has been optimized for high frequency primary side control operation. In addition, this device includes such features as: Soft Start, accurate duty cycle limit control, less than 50µA startup current, over and under voltage protection, and bidirectional synchronization. The CS51221 is available in 16 lead PDIP and SO narrow surface mount packages.

Features
■ 1MHz Frequency Capability
■ Fixed Frequency Voltage Mode Operation, with Feed Forward
■ Thermal Shutdown
■ Under Voltage Lock-out
■ Accurate Programmable Max Duty Cycle Limit
■ 1A Sink/Source Gate Drive
■ Programmable Pulse by Pulse Over Current Protection
■ Leading Edge Current Sense Blanking
■ 75ns Shutdown Propagation Delay
■ Programmable Soft Start
■ Under Voltage Protection
■ Over Voltage Protection with Programmable Hysteresis
■ Bidirectional Synchronization
■ 25ns GATE Rise and Fall Time (1nF load)
■ 3.3V 3% Reference Voltage Output




Similar Part No. - CS51221

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51221 ONSEMI-CS51221 Datasheet
173Kb / 14P
Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
CS51221 ONSEMI-CS51221 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
CS51221 ONSEMI-CS51221 Datasheet
178Kb / 14P
Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
CS51221ED16 ONSEMI-CS51221ED16 Datasheet
173Kb / 14P
Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
CS51221ED16 ONSEMI-CS51221ED16 Datasheet
178Kb / 14P
Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
More results


Similar Description - CS51221

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1103 SEMTECH-SC1103 Datasheet
97Kb / 8P
VOLTAGE MODE PWM CONTROLLER
logo
Cherry Semiconductor Co...
CS51021 CHERRY-CS51021 Datasheet
170Kb / 9P
Enhanced Current Mode PWM Controller
logo
Microsemi Corporation
LX1684 MICROSEMI-LX1684 Datasheet
294Kb / 12P
Voltage-Mode PWM Controller
logo
Taiwan Semiconductor Co...
TS494 TSC-TS494 Datasheet
138Kb / 7P
Voltage Mode PWM Controller
logo
ON Semiconductor
CS51021A ONSEMI-CS51021A Datasheet
130Kb / 11P
Enhanced Current Mode PWM Controller
February, 2006 ??Rev. 8
CS51221 ONSEMI-CS51221 Datasheet
173Kb / 14P
Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
NCP1294 ONSEMI-NCP1294 Datasheet
229Kb / 13P
Enhanced Voltage Mode PWM Controller
July, 2009 ??Rev. 0
CS51221 ONSEMI-CS51221_09 Datasheet
178Kb / 14P
Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
CS51221 ONSEMI-CS51221 Datasheet
178Kb / 14P
Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
logo
Shaoxing Devechip Micro...
SDC7500 SDC-SDC7500 Datasheet
308Kb / 10P
Voltage Mode PWM Controller
More results




About Cherry Semiconductor Corporation


Cherry Semiconductor Corporation was a semiconductor company that was founded in 1953 and based in Massachusetts, USA. The company specialized in the design and manufacture of a variety of semiconductor products, including analog and mixed-signal integrated circuits (ICs), digital ICs, and power management ICs.

Cherry Semiconductor's products were used in a variety of applications, including telecommunications, automotive, and industrial control systems. The company was known for its high-quality and reliable products, and its technology was widely used by customers in a range of industries.

In 2000, Cherry Semiconductor was acquired by ON Semiconductor, a leading supplier of semiconductor-based solutions for the automotive, communications, computing, consumer, industrial, and medical industries. Today, many of Cherry Semiconductor's products are still used by customers in these industries, and the company's legacy of innovation and high-quality semiconductor products lives on through ON Semiconductor's product offerings.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com