Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51221 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS51221
Description  Enhanced Voltage Mode PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS51221 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS51221 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
s
1MHz Frequency Capability
s
Fixed Frequency Voltage
Mode Operation, with Feed
Forward
s
Thermal Shutdown
s
Under Voltage Lock-out
s
Accurate Programmable Max
Duty Cycle Limit
s
1A Sink/Source Gate Drive
s
Programmable Pulse by
Pulse Over Current
Protection
s
Leading Edge Current Sense
Blanking
s
75ns Shutdown Propagation
Delay
s
Programmable Soft Start
s
Under Voltage Protection
s
Over Voltage Protection with
Programmable Hysteresis
s
Bidirectional
Synchronization
s
25ns GATE Rise and Fall
Time (1nF load)
s
3.3V 3% Reference Voltage
Output
Package Options
Enhanced Voltage Mode PWM Controller
CS51221
Description
Application Diagram
1
GATE
ISENSE
SYNC
FF
UV
OV
RTCT
ISET
VC
PGnd
VCC
LGnd
SS
COMP
VFB
VREF
16 Lead SO Narrow & PDIP
1
36V-72V to 5V/5A converter
Rev. 3/26/99
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com
A
Company
®
The CS51221 fixed frequency
feed forward voltage mode
PWM controller contains all of
the features necessary for basic
voltage mode operation. This
PWM controller has been opti-
mized for high frequency prima-
ry side control operation. In
addition, this device includes
such features as: Soft Start, accu-
rate duty cycle limit control, less
than 50µA startup current, over
and under voltage protection,
and bidirectional synchroniza-
tion. The CS51221 is available in
16 lead PDIP and SO narrow
surface mount packages.
VIN (36V to 72V)
51k
0.01µF
470pF
20.25k
10
13k
510k
0.1µF
62
IRF634
100
1µF
10
680pF
150
1k
180
MOC81025
2k
100µF
SGnd
VOUT
(5V/5A)
2200pF
5.1k
0.1µF
SYNC
4.3k
200
10k
1µF
2k
1k
330pF
MBRB2545CT
100pF
10
D11
BAS21
10k
BAS21
18V
22µF
11V
FZT688
10
0.22µF
24.3k
TL431
T1
4:1
T3
100:1
T2
2:5
UV
U1
OV
VREF
RT/CT
ISET
LGnd
SS
VFB
COMP
SYNC
PGnd
FF
VC
VCC
ISENSE
GATE
160k
5.6k
D13
V33MLA1206A23
4700pF


Similar Part No. - CS51221

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51221 ONSEMI-CS51221 Datasheet
173Kb / 14P
Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
CS51221 ONSEMI-CS51221 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
CS51221 ONSEMI-CS51221 Datasheet
178Kb / 14P
Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
CS51221ED16 ONSEMI-CS51221ED16 Datasheet
173Kb / 14P
Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
CS51221ED16 ONSEMI-CS51221ED16 Datasheet
178Kb / 14P
Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
More results

Similar Description - CS51221

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1103 SEMTECH-SC1103 Datasheet
97Kb / 8P
VOLTAGE MODE PWM CONTROLLER
logo
Cherry Semiconductor Co...
CS51021 CHERRY-CS51021 Datasheet
170Kb / 9P
Enhanced Current Mode PWM Controller
logo
Microsemi Corporation
LX1684 MICROSEMI-LX1684 Datasheet
294Kb / 12P
Voltage-Mode PWM Controller
logo
Taiwan Semiconductor Co...
TS494 TSC-TS494 Datasheet
138Kb / 7P
Voltage Mode PWM Controller
logo
ON Semiconductor
CS51021A ONSEMI-CS51021A Datasheet
130Kb / 11P
Enhanced Current Mode PWM Controller
February, 2006 ??Rev. 8
CS51221 ONSEMI-CS51221 Datasheet
173Kb / 14P
Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
NCP1294 ONSEMI-NCP1294 Datasheet
229Kb / 13P
Enhanced Voltage Mode PWM Controller
July, 2009 ??Rev. 0
CS51221 ONSEMI-CS51221_09 Datasheet
178Kb / 14P
Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
CS51221 ONSEMI-CS51221 Datasheet
178Kb / 14P
Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
logo
Shaoxing Devechip Micro...
SDC7500 SDC-SDC7500 Datasheet
308Kb / 10P
Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com