Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51221 Datasheet(PDF) 11 Page - Cherry Semiconductor Corporation

Part # CS51221
Description  Enhanced Voltage Mode PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS51221 Datasheet(HTML) 11 Page - Cherry Semiconductor Corporation

Back Button CS51221 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 12Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Application Information: continued
Figure 10. The design of feedback voltage divider has to consider the
error amplifier input current.
Design voltage dividers for OV and UV detection
In Fig.11, the voltage divider uses three resistors in series
to set OV and UV threshold seen from the input voltage.
The values of the resistors can be calculated from the fol-
lowing three equations, where the third equation is
derived from OV hysteresis requirement.
VIN(LOW) ×
= 1V
(A)
VIN(HIGH) ×
= 2V
(B)
12.5µA × (R1 + R2) = VHYST
(C)
where
VLINE(LOW), VLINE(HIGH) = input voltage OV and UV threshold
VHYST = OV hysteresis seen at VIN
It is self-evident from equation A and B that to use this
design, VIN(HIGH) has to be two times greater than
VIN(LOW). Otherwise, two voltage dividers have to be used
to program OV and UV separately.
Figure 11. OV/UV Monitor Divider.
VIN
VUV
VOV
R3
R2
R1
)
R3
R2 + R3 + R1
(
)
R2 + R3
R2 + R3 + R1
(
COMP
Ier
1.27
FB
R2
R1
VOUT
Ri
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com