Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51221 Datasheet(PDF) 5 Page - Cherry Semiconductor Corporation

Part # CS51221
Description  Enhanced Voltage Mode PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS51221 Datasheet(HTML) 5 Page - Cherry Semiconductor Corporation

  CS51221 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
s
Overcurrent Protection
Overcurrent Threshold
ISET = 0.5V, Ramp ISENSE
0.475
0.500
0.525
V
ISENSE to GATE Delay
50
90
125
ns
s
External Voltage Monitors
Overvoltage Threshold
OV increasing
1.9
2.0
2.1
V
Overvoltage Hysteresis
OV = 2.15V
10.0
12.5
15.0
µA
Current
Undervoltage Threshold
UV increasing
0.95
1.00
1.05
V
Undervoltage Hysteresis
25
75
125
mV
s
Soft Start (SS)
Charge Current
SS = 2V
40
50
70
µA
Discharge Current
SS = 2V
4
5
7
µA
Charge Voltage
2.8
3.0
3.4
V
Discharge Voltage
0.25
0.3
0.35
V
Soft Start Clamp Offset
FF = 1.25V
1.15
1.25
1.35
V
Soft Start Fault Voltage
OV = 2.15V or LV = 0.85V
0.1
0.2
V
s
Blanking
Blanking Time
50
150
250
ns
SS Blanking Disable
VFB < 1
2.8
3.0
3.3
V
Threshold
COMP Blanking Disable
VFB < 1, SS > 3V
2.8
3.0
3.3
V
Threshold
s
Thermal Shutdown
Thermal Shutdown
(Note 1)
125
150
180
˚C
Thermal Hysteresis
(Note 1)
5
10
15
˚C
Note 1: Guaranteed by design, not 100% tested in production.
Electrical Characteristics: -40˚C < TA < 85˚C; -40˚C < TJ < 125˚C; 3V < VC < 15V; 4.7V < VCC < 15V; Rt=12K, Ct=390pF
Unless otherwise stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com