Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51221 Datasheet(PDF) 10 Page - Cherry Semiconductor Corporation

Part # CS51221
Description  Enhanced Voltage Mode PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS51221 Datasheet(HTML) 10 Page - Cherry Semiconductor Corporation

Back Button CS51221 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 12Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Application Information: continued
10
Figure 8: Typical Performance Characteristics: Oscillator frequency vs
CT
Figure 9: Typical Performance Characteristics: Oscillator duty cycle vs
RT
Select RC for Feed Forward Ramp
If the line voltage is much greater than the FF pin Peak
Voltage, the charge current can be treated as a constant and
is equal to VIN/R. Therefore, the volt-second value is deter-
mined by:
VIN × TON = (VCOMP − VFF(d)) × R × C
where VCOMP = COMP pin voltage
VFF(d) = FF pin discharge voltage.
As shown in the equation, the volt-second clamp is set by
the VCOMP clamp voltage which is equal to 1.8V. In
Forward or Flyback circuits, the volt-second clamp value is
designed to prevent transformers from saturation.
In a buck or forward converter, volt-second is equal to
VIN × TON ≈
n = transformer turns ratio
which is a constant determined by the regulated output
voltage, switching period and transformer turns ration (use
1 for buck converter). It is interesting to notice from the
aforementioned two equations that during steady state,
VCOMP doesn’t change for input voltage variations. This
intuitively explains why FF voltage mode control has supe-
rior line regulation and line transient response. Knowing
the nominal value of VIN and TON, one can also select the
value of RC to place VCOMP at the center of its dynamic
range.
Select Feedback Voltage Divider
As shown in Fig.10, the voltage divider output feeds to the
FB pin, which connects to the inverting input of the error
amplifier. The non-inverting input of the error amplifier is
connected to a 1.27V (typ) reference voltage. The FB pin
has an input current which has to be considered for accu-
rate DC outputs. The following equation can be used to
calculate the R1 and R2 value
VOUT = 1.27 − ∇
where ∇ is the correction factor due to the existence of the
FB pin input current Ier.
∇ = (Ri + R1//R2)Ier
Ri = DC resistance between the FB pin and the voltage
divider output.
Ier = VFB input current, 1.3µA typical.
)
R2
R1 + R2
(
)
VOUT × TS
n
(
1000000
100000
10000
1000
0.5
0.55
0.6
0.65
0.7
0.75
0.8
0.85
0.9
0.95
1
800000
700000
600000
500000
400000
300000
200000
100000
0
0.0001
0.001
0.01
CT (µF)
10K
RT = 5K
50K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com