Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51221 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS51221
Description  Enhanced Voltage Mode PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS51221 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS51221 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Operating Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Internally Limited
Lead Temperature Soldering:
Wave Solder (through hole styles only) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Sec. max 260˚C Peak
Reflow (SMD styles only) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60 Sec max. above 183˚C, 230˚C Peak
Storage Temperature Range, TS. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to 150˚C
ESD (Human Body Model). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
Absolute Maximum Ratings
PIN SYMBOL
PIN NAME
VMAX
VMIN
ISOURCE
ISINK
GATE
Gate Drive Output
15V
-0.3V
1.0A Peak
1.0A Peak
200mA DC
200mA DC
ISENSE
Current Sense Input
6V
-0.3V
1mA
1mA
RTCT
Timing Resistor/Capacitor
6V
-0.3V
1mA
10mA
FF
Feed Forward
6V
-0.3V
1mA
25mA
COMP
Error Amp Output
6V
-0.3V
10mA
20mA
VFB
Feedback Voltage
6V
-0.3V
1mA
1mA
SYNC
Sync Input
6V
-0.3V
10mA
10mA
UV
Under Voltage
6V
-0.3V
1mA
1mA
OV
Over Voltage
6V
-0.3V
1mA
1mA
ISET
Current Set
6V
-0.3V
1mA
1mA
SS
Soft Start
6V
-0.3V
1mA
10mA
VCC
Logic Section Supply
15V
-0.3V
10mA
50mA
VC
Power Section Supply
15V
-0.3V
10mA
1.0A Peak
200mA DC
VREF
Reference Voltage
6V
-0.3V
Internally
10mA
Limited
PGnd
Power Ground
N/A
N/A
1.0A Peak
N/A
200mA DC
LGnd
Logic Ground
N/A
N/A
N/A
N/A
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com