Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51221 Datasheet(PDF) 9 Page - Cherry Semiconductor Corporation

Part # CS51221
Description  Enhanced Voltage Mode PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS51221 Datasheet(HTML) 9 Page - Cherry Semiconductor Corporation

Back Button CS51221 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 12Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Typical Performance Characteristics
9
Application Information: continued
Figure 6: The Sync pin generates a sync pulse at the beginning of each
switching cycle. CH2: GATE Pin, CH3: RTCT, CH4: SYNC pin.
The bi-directional SYNC pin can also receive an external
sync signal of a greater frequency. As show in Fig.7, when
the SYNC pin is triggered by an incoming signal, the IC
immediately discharges CT. The GATE signal is turned on
once the RTCT pin reaches the valley voltage. Because of
the steep falling edge, this valley voltage falls below the
regular 1V threshold. However, the RTCT pin voltage is
then quickly raised by a clamp. When the RTCT pin reaches
the 0.95V(typ) Valley Clamp Voltage, the clamp is discon-
nected after a brief delay and CT is charged through RT.
Figure 7: Operation with external sync. CH 2: SYNC pin, CH3: Gate pin,
G4: RTCT pin.
Switch Frequency and Maximum Duty Cycle Calculations
Oscillator timing capacitor, CT, is charged by VREF through
RT and discharged by an internal current source. During
the discharge time, the internal clock signal sets the Gate
output to the low state, thus providing a user selectable
maximum duty cycle clamp. Charge and discharge times
are determined by following general formulas;
tC = RTCTln
td = RTCTln
,
where
tC = charging time;
td = discharging time;
VVALLEY = valley voltage of the oscillator;
VPEAK = peak voltage of the oscillator.
Substituting in typical values for the parameters in the
above formulas:
VREF = 3.3V, VVALLEY = 1V, VPEAK = 2V, Id = 1mA
tC = 0.57RTCT
td = RTCTln
Dmax =
0.57
0.57+ In
It is noticed from the equation that for the oscillator to
function properly, RT has to be greater than 2.3k.
)
1.3 - 0.001RT
2.3- 0.001RT
(
)
1.3 - 0.001RT
2.3- 0.001RT
(
)
(VREF - VPEAK - IdRT)
(VREF - VVALLEY - IdRT)
(
)
(VREF - VVALLEY)
(VREF - VPEAK)
(
Design Guidelines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com