Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51221 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # CS51221
Description  Enhanced Voltage Mode PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS51221 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  CS51221 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Electrical Characteristics: -40˚C < TA < 85˚C; -40˚C < TJ < 125˚C; 3V < VC < 15V; 4.7V < VCC < 15V; Rt=12K, Ct=390pF
Unless otherwise stated.
s
Start/Stop Voltages
Start Threshold
4.4
4.6
4.7
V
Stop Threshold
3.2
3.8
4.1
V
Hysteresis
Start - Stop
400
850
1400
mV
ICC @ Startup
VCC < UVL Start Threshold
38
75
µA
s
Supply Current
ICC Operating
9.5
14
mA
IC Operating
1nF Load on GATE
12
18
mA
IC Operating
No switching
2
4
mA
s
Reference Voltage
Total Accuracy
0mA < IREF < 2mA
3.2
3.3
3.4
V
Line Regulation
6
20
mV
Load Regulation
0mA < IREF < 2mA
6
15
mV
Noise Voltage
10Hz < F < 10kHz (Note 1)
50
µV
Op Life Shift
T = 1000Hrs. (Note 1)
4
20
mV
Fault Voltage
2.8
2.95
3.1
V
VREF(OK) Voltage
2.9
3.05
3.2
V
VREF(OK) Hysteresis
30
100
150
mV
Current Limit
2
40
100
mA
s
Error Amp
Reference Voltage
VFB = COMP
1.234
1.263
1.285
V
VFB Input Current
VFB = 1.2V
1.3
2
µA
Open Loop Gain
(Note 1)
60
dB
Unity Gain Bandwidth
(Note 1)
1.5
MHz
COMP Sink Current
COMP = 1.4V, VFB = 1.45V
3
12
32
mA
COMP Source Current
COMP = 1.4V, VFB = 1.15V
1
1.6
2.0
mA
COMP High Voltage
VFB = 1.15V
2.8
3.1
3.4
V
COMP Low Voltage
VFB = 1.45V
75
125
300
mV
PSRR
Freq = 120Hz (Note 1)
60
85
dB
SS Clamp, VCOMP
SS = 1.4V, VFB = 0V, ISET = 2V
1.3
1.4
1.5
V
COMP Max Clamp
Note 1
1.7
1.8
1.9
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com