Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51221 Datasheet(PDF) 7 Page - Cherry Semiconductor Corporation

Part # CS51221
Description  Enhanced Voltage Mode PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS51221 Datasheet(HTML) 7 Page - Cherry Semiconductor Corporation

Back Button CS51221 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 11Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Typical Performance Characteristics
7
Application Information
Feed Forward Voltage Mode Control
In conventional voltage mode control, the ramp signal has
fixed rising and falling slope. The feedback signal is
derived solely from the output voltage. Consequently,
voltage mode control has inferior line regulation and audio
susceptibility.
Feed forward voltage mode control derives the ramp sig-
nal from the input line, as shown in Fig.1. Therefore, the
ramp of the slope varies with the input voltage. At the start
of each switch cycle, the capacitor connected to the FF pin
is charged through a resistor connected to the input volt-
age. Meanwhile, the Gate output is turned on to drive an
external power switching device. When the FF pin voltage
reaches the error amplifier output VCOMP, the PWM com-
parator turns off the Gate, which in turn opens the external
switch. Simultaneously, the FF capacitor is quickly dis-
charged to 0.3V.
Overall, the dynamics of the duty cycle are controlled by
both input and output voltages. As illustrated in Fig. 2,
with a fixed input voltage the output voltage is regulated
solely by the error amplifier. For example, an elevated
output voltage reduces VCOMP which in turn causes duty
cycle to decrease. However, if the input voltage varies, the
slope of the ramp signal will react immediately which pro-
vides a much improved line transient response. As an
example shown in Fig.3, when the input voltage goes up,
the rising edge of the ramp signal increases which reduces
duty cycle to counteract the change.
Figure 1: Feed Forward Voltage Mode Control.
The feed forward feature can also be employed to provide
a volt-second clamp, which limits the maximum product
of input voltage and turn on time. This clamp is used in
circuits, such as Forward and Flyback converter, to prevent
the transformer from saturating. Calculations used in the
design of the volt-second clamp are presented in the
Design Guidelines section.
Figure 2: Pulse Width Modulated by Output Current with Constant
Input Voltage.
Figure 3: Pulse Width modulated by Input Voltage with constant
Output Current.
Powering the IC & UVL
The Under Voltage Lockout (UVL) comparator has two
voltage references; the start and stop thresholds. During
power-up, the UVL comparator disables VREF (which in-
turn disables the entire IC) until the controller reaches its
VCC start threshold. During power-down, the UVL com-
parator allows the controller to operate until the VCC stop
threshold is reached. The CS51221 requires only 50µA dur-
ing startup. The output stage is held at a low impedance
state in lock out mode.
During power up and fault conditions, the soft-start
clamps the Comp pin voltage and limits the duty cycle.
The power up transition tends to generate temporary duty
cycles much greater than the steady state value due to the
low output voltage. Consequently, excessive current
stresses often take place in the system. Soft Start technique
alleviates this problem by gradually releasing the clamp on
the duty cycle to eliminate the in-rush current. The dura-
tion of the Soft Start can be programmed through a capaci-
tance connected to the SS pin. The constant charging cur-
rent to the SS pin is 50µA (typ).
VIN
VCOMP
FF
RTCT
GATE
IOUT
VOUT
VCOMP
FF
VIN
RTCT
GATE
VIN
COMP
FF
FB
VOUT
Error Amplifier
C
R
Latch & Driver
PWM
Feedback Network
Power Stage
GATE
Theory of Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com