Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51221 Datasheet(PDF) 12 Page - Cherry Semiconductor Corporation

Part # CS51221
Description  Enhanced Voltage Mode PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS51221 Datasheet(HTML) 12 Page - Cherry Semiconductor Corporation

Back Button CS51221 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS51221 Datasheet HTML 12Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Package Specification
Thermal Data
16L SO
16L
Narrow
PDIP
RΘJC
typ
28
42
˚C/W
RΘJA
typ
115
80
˚C/W
12
Rev. 3/26/99
© 1999 Cherry Semiconductor Corporation
D
Lead Count
Metric
English
Max
Min
Max
Min
16L SO Narrow
10.00
9.80
.394
.386
16L PDIP
19.69
18.67
.775
.735
Ordering Information
Part Number
Description
CS51221ED16
16L SO Narrow
CS51221EDR16
16L SO Narrow (tape & reel)
CS51221EN16
16L PDIP
PACKAGE DIMENSIONS IN mm (INCHES)
PACKAGE THERMAL DATA
Cherry Semiconductor Corporation reserves the right to
make changes to the specifications without notice. Please
contact Cherry Semiconductor Corporation for the latest
available information.
Surface Mount Narrow Body (D); 150 mil wide
Plastic DIP (N); 300 mil wide
0.39 (.015)
MIN.
2.54 (.100) BSC
1.77 (.070)
1.14 (.045)
D
Some 8 and 16 lead
packages may have
1/2 lead at the end
of the package.
All specs are the same.
.203 (.008)
.356 (.014)
REF: JEDEC MS-001
3.68 (.145)
2.92 (.115)
8.26 (.325)
7.62 (.300)
7.11 (.280)
6.10 (.240)
.356 (.014)
.558 (.022)
1.27 (.050) BSC
0.51 (.020)
0.33 (.013)
6.20 (.244)
5.80 (.228)
4.00 (.157)
3.80 (.150)
1.57 (.062)
1.37 (.054)
D
0.25 (0.10)
0.10 (.004)
1.75 (.069) MAX
1.27 (.050)
0.40 (.016)
REF: JEDEC MS-012
0.25 (.010)
0.19 (.008)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com