Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27C801 Datasheet(PDF) 14 Page - STMicroelectronics

Part # M27C801
Description  8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C801 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M27C801 Datasheet HTML 10Page - STMicroelectronics M27C801 Datasheet HTML 11Page - STMicroelectronics M27C801 Datasheet HTML 12Page - STMicroelectronics M27C801 Datasheet HTML 13Page - STMicroelectronics M27C801 Datasheet HTML 14Page - STMicroelectronics M27C801 Datasheet HTML 15Page - STMicroelectronics M27C801 Datasheet HTML 16Page - STMicroelectronics M27C801 Datasheet HTML 17Page - STMicroelectronics M27C801 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
DC and AC characteristics
M27C801
14/24
Figure 6.
AC testing load circuit
Table 6.
Capacitance(1) (2)
1.
TA = 25 °C, f = 1 MHz.
2.
Sampled only, not 100% tested.
Symbol
Parameter
Test condition
Min.
Max.
Unit
CIN
Input capacitance
VIN = 0 V
6
pF
COUT
Output capacitance
VOUT = 0 V
12
pF
Table 7.
Read mode DC characteristics(1) (2)
1.
TA = 0 to 70 °C or –40 to 85 °C; VCC = 5 V ± 10%.
2.
VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
Symbol
Parameter
Test condition
Min.
Max.
Unit
ILI
Input leakage current
0V
≤VIN ≤VCC
±10
µA
ILO
Output leakage current
0V
≤VOUT ≤VCC
±10
µA
ICC
Supply current
E = VIL, GVPP = VIL,
IOUT = 0mA, f = 5MHz
35
mA
ICC1
Supply current (Standby) TTL
E = VIH
1mA
ICC2
Supply current (Standby)
CMOS
E > VCC – 0.2V
100
µA
IPP
Program current
VPP = VCC
10
µA
VIL
Input low voltage
–0.3
0.8
V
VIH
(3)
3.
Maximum DC voltage on Output is VCC +0.5V.
Input high voltage
2
VCC + 1
V
VOL
Output low voltage
IOL = 2.1 mA
0.4
V
VOH
Output high voltage TTL
IOH = –1 mA
3.6
V
Output high voltage CMOS
IOH = –100 µA
VCC – 0.7
V
AI01823B
1.3V
OUT
CL
CL = 30pF for High Speed
CL = 100pF for Standard
CL includes JIG capacitance
3.3k
Ω
1N914
DEVICE
UNDER
TEST
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com