Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27C801 Datasheet(PDF) 17 Page - STMicroelectronics

Part # M27C801
Description  8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C801 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M27C801 Datasheet HTML 13Page - STMicroelectronics M27C801 Datasheet HTML 14Page - STMicroelectronics M27C801 Datasheet HTML 15Page - STMicroelectronics M27C801 Datasheet HTML 16Page - STMicroelectronics M27C801 Datasheet HTML 17Page - STMicroelectronics M27C801 Datasheet HTML 18Page - STMicroelectronics M27C801 Datasheet HTML 19Page - STMicroelectronics M27C801 Datasheet HTML 20Page - STMicroelectronics M27C801 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
M27C801
DC and AC characteristics
17/24
Figure 8.
Margin mode AC waveforms
Table 10.
Margin mode AC characteristics(1) (2)
Symbol
Alt
Parameter
Test condition
Min
Max
Unit
tA9HVPH
tAS9
VA9 high to VPP high
2
µs
tVPHEL
tVPS
VPP high to Chip Enable low
2
µs
tA10HEH
tAS10
VA10 high to Chip Enable high (Set)
1
µs
tA10LEH
tAS10
VA10 low to Chip Enable high (Reset)
1
µs
tEXA10X
tAH10
Chip Enable transition to VA10 transition
1
µs
tEXVPX
tVPH
Chip Enable transition to VPP transition
2
µs
tVPXA9X
tAH9
VPP transition to VA9 transition
2
µs
1.
TA = 25 °C; VCC = 6.25 V ± 0.25 V; VPP = 12.75 V ± 0.25 V
2.
VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
AI00736B
tA9HVPH
tVPXA9X
A8
E
GVPP
A10 Set
VCC
tVPHEL
tA10LEH
tEXVPX
tA10HEH
A9
A10 Reset
tEXA10X
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com