Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27C801 Datasheet(PDF) 16 Page - STMicroelectronics

Part # M27C801
Description  8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C801 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M27C801 Datasheet HTML 12Page - STMicroelectronics M27C801 Datasheet HTML 13Page - STMicroelectronics M27C801 Datasheet HTML 14Page - STMicroelectronics M27C801 Datasheet HTML 15Page - STMicroelectronics M27C801 Datasheet HTML 16Page - STMicroelectronics M27C801 Datasheet HTML 17Page - STMicroelectronics M27C801 Datasheet HTML 18Page - STMicroelectronics M27C801 Datasheet HTML 19Page - STMicroelectronics M27C801 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
DC and AC characteristics
M27C801
16/24
Figure 7.
Read mode AC waveforms
Table 9.
Read mode AC characteristics(1) (2)
Symbol
Alt
Parameter
Test
condition
-55 (3)
-80/-90
-100
Unit
Min.
Max.
Min.
Max.
Min
Max.
tAVQV
tACC Address valid to output valid
E = VIL,
GVPP = VIL
55
80
100
ns
tELQV
tCE Chip Enable low to output valid
GVPP = VIL
55
80
100
ns
tGLQV
tOE Output Enable low to output valid
E = VIL
30
40
50
ns
tEHQZ
(4)
tDF Chip Enable high to output Hi-Z
GVPP = VIL
0250
35
0
40
ns
tGHQZ
(4)
tDF Output Enable high to output Hi-Z
E = VIL
0250
35
0
40
ns
tAXQX
tOH
Address transition to output
transition
E = VIL,
GVPP = VIL
00
0
ns
1.
TA = 0 to 70 °C or –40 to 85 °C; VCC = 5 V ± 10%.
2.
VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
3.
Speed obtained with High Speed AC measurement conditions.
4.
Sampled only, not 100% tested.
AI01583B
tAXQX
tEHQZ
A0-A19
E
G
Q0-Q7
tAVQV
tGHQZ
tGLQV
tELQV
VALID
Hi-Z
VALID
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com