Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5124 Datasheet(PDF) 9 Page - Cherry Semiconductor Corporation

Part # CS5124
Description  High Performance, Integrated Current Mode PWM Controllers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5124 Datasheet(HTML) 9 Page - Cherry Semiconductor Corporation

Back Button CS5124 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5124 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5124 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5124 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5124 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5124 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5124 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5124 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5124 Datasheet HTML 10Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
be used in synchronized operation, the inductor value
should be recalculated to work with the slope compensa-
tion ramp reduced to 67% of the normal value.
Powering the CS5124/6 from a Transformer Winding
There are numerous ways to power the CS5124/6 from a
transformer winding to enable the converter to be operated
at high efficiency over a wide input range. Two ways are
shown in the application circuits.
The CS5124 application circuit (main application diagram)
is a flyback converter that uses a second flyback winding
to power VCC. R4 improves VCC regulation with load
changes by snubbing the turn off spike. Once the turn off
spike has subsided the voltage of this winding is voltage
proportional to the voltage on the main flyback winding.
This voltage is regulated because the main winding is
clamped by the regulated output voltage.
In the CS5126 application circuit (below) an extra winding
is added to the forward inductor to power VCC. This wind-
ing is phased to conduct during the off time of the forward
converter and performs the same function as the flyback
winding above.
A flyback winding from a forward transformer can also be
used to power VCC. Ideally the transformer volt-second
product of a forward converter would be constant over the
range of line voltages and load currents; and the trans-
former inductance could be chosen to store the required
level of energy during each cycle to power VCC. Even
though the flyback energy is not directly regulated it
would remain constant. Unfortunately in a real converter
there are many non-ideal effects that degrade regulation.
Transformer inductance varies, converter frequency varies,
energy stored in primary leakage inductance varies with
output current, stray transformer capacitances and various
parasitics all effect the level of energy available for VCC. If
too little energy is provided to VCC, the bootstrapping cir-
cuit must provide power and efficiency will be reduced. If
too much energy is provided VCC rises and may damage
the controller. If this approach is taken the circuit must be
carefully designed and component values must be con-
trolled for good regulation.
Application Information: continued
Additional Application Diagram
V
CC
UVLO
SS
Gnd
GATE
IS
V
FB
R4
0.2Ω
1/4W
Q2
IRF634
R6
17.4k
C2
1.5µF,
100V
C3
0.2µF, 100V
10µH
36-75VIN
L1
R1
39k
R7
2k
C12
.01µF
C9
.01µF
R3
30.1k
C7
47µF
ISOLATED
RTN
5VOUT
ENABLE
48VRTN
C10
1000pF
C11
0.1µF
TPS5908
U2
R8
10.0k
SYNC
C1
1.5µF,
100V
SYNC
CS5126
R2
200k
MMBD6100L
D2
C5
1µF,
25V
C6
390pF
C8
47µF
D3
11V
R10
10k
R9
10k
C4
1000pF
Q1
F2T493
T1
T2
MBRB2060CT
CTX15-14527
CTX15-14526
48V to 5V, 5A forward converter using the CS5126



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com