Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5124 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # CS5124
Description  High Performance, Integrated Current Mode PWM Controllers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5124 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  CS5124 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5124 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5124 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5124 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5124 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5124 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5124 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5124 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5124 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Electrical Characteristics: -40°C ≤ TJ ≤ 125°C, -40°C ≤ TA ≤ 105°C, 7.60V ≤ VCC ≤ 20V, UVLO = 3.0V, ISENSE = 0V,
CV(CC) = 0.33µF, CGATE = 1nF (ESR = 10Ω), CSS = 470pF CV(FB) = 100pF, unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
s
VCC Clamp and BIAS Pin
CS5124 Only. Connect an NFET as follows: BIAS = G, VCC = S, VIN = D.
VCC Clamp Voltage
36V ≤ VIN ≤ 60V, 220nF ≤
7.275
7.9
8.625
V
CSS ≤ 500nF, R = 500k
BIAS Minimum Voltage
Measure Voltage on BIAS with:
1.6
2.8
4
V
10V ≤ VCC ≤ 20V and 50µA ≤ IBIAS ≤ 1mA
BIAS Clamp
With BIAS pin sinking 1mA
12
15
20
V
s
200kHz Oscillator
CS5126 Only
Operating Frequency
175
200
225
kHz
Max Duty Cycle Clamp
78
82.5
85
%
Slope Compensation
12
18
23
mV/µs
(Normal operation)
Slope Compensation
(Synchronized operation)
(Note 1)
7
12
16
mV/µs
SYNC Input Threshold Voltage
1
2
3
V
SYNC Input Impedance
Measured with SYNC = 1V &10V
50
120
230
kΩ
s
400kHz Oscillator
CS5124 Only
Operating Frequency
360
400
440
kHz
Max Duty Cycle Clamp
80.0
82.5
85.0
%
Slope Compensation
15
21
26
mV/µs
s
Soft Start
Soft Start Charge Current
7
10
13
µA
Soft Start Discharge Current
0.5
10.0
mA
VSS Voltage when VFB
VFB = 300mV
1.40
1.62
1.80
V
Begins to Rise
Peak Soft Start Charge Voltage
4.7
4.9
V
Valley Soft Start Discharge Voltage
200
275
400
mV
s
Current Sense
CS5124 Only
First Current Sense Threshold
At max duty cycle.
170
195
215
mV
Second Current Sense Threshold
250
275
315
mV
ISENSE to GATE Prop. Delay
0 to 700mV pulse into ISENSE
60
90
130
ns
(after blanking time)
Leading Edge Blanking Time
0 to 400mV pulse into ISENSE
90
130
180
ns
Internal Offset
(Note 1)
60
mV
s
Current Sense
CS5126 Only
First Current Sense Threshold
At max duty cycle
300
335
360
mV
Second Current Sense
485
525
575
mV
Threshold
ISENSE to GATE Prop. Delay
0 to 800mV pulse into ISENSE
60
90
130
ns
(after blanking time)
Leading Edge Blanking Time
0 to 550mV pulse into ISENSE
110
175
210
ns
Internal Offset
(Note 1)
125
mV



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com