Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5124 Datasheet(PDF) 10 Page - Cherry Semiconductor Corporation

Part # CS5124
Description  High Performance, Integrated Current Mode PWM Controllers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5124 Datasheet(HTML) 10 Page - Cherry Semiconductor Corporation

Back Button CS5124 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5124 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5124 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5124 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5124 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5124 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5124 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5124 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5124 Datasheet HTML 10Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
© 1999 Cherry Semiconductor Corporation
Rev. 3/12/99
Part Number
Description
CS5124XD8
8 Lead SO Narrow
CS5124XDR8
8 Lead SO Narrow (tape & reel)
CS5126XD8
8 Lead SO Narrow
CS5126XDR8
8 Lead SO Narrow (tape & reel)
Thermal Data
8L SO Narrow
RΘJC
typ
45
˚C/W
RΘJA
typ
165
C/W
D
Lead Count
Metric
English
Max
Min
Max
Min
8 Lead SO Narrow
5.00
4.80
.197
.189
Package Specification
PACKAGE DIMENSIONS IN mm (INCHES)
PACKAGE THERMAL DATA
Ordering Information
Cherry Semiconductor Corporation reserves the right to
make changes to the specifications without notice. Please
contact Cherry Semiconductor Corporation for the latest
available information.
Surface Mount Narrow Body (D); 150 mil wide
1.27 (.050) BSC
0.51 (.020)
0.33 (.013)
6.20 (.244)
5.80 (.228)
4.00 (.157)
3.80 (.150)
1.57 (.062)
1.37 (.054)
D
0.25 (0.10)
0.10 (.004)
1.75 (.069) MAX
1.27 (.050)
0.40 (.016)
REF: JEDEC MS-012
0.25 (.010)
0.19 (.008)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com