Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5155 Datasheet(PDF) 8 Page - Cherry Semiconductor Corporation

Part # CS5155
Description  CPU 5-Bit Synchronous Buck Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5155 Datasheet(HTML) 8 Page - Cherry Semiconductor Corporation

Back Button CS5155 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5155 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5155 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5155 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5155 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5155 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5155 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS5155 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS5155 Datasheet HTML 12Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Applications Information: continued
8
Figure 6: Peak-to-peak ripple on VOUT = 2.8V, IOUT = 13A (heavy load).
Transient Response
The CS5155 V2ª control loopÕs 100ns reaction time pro-
vides unprecedented transient response to changes in input
voltage or output current. Pulse by pulse adjustment of
duty cycle is provided to quickly ramp the inductor current
to the required level. Since the inductor current cannot be
changed instantaneously, regulation is maintained by the
output capacitor(s) during the time required to slew the
inductor current.
Overall load transient response is further improved
through a feature called Òadaptive voltage positioningÓ.
This technique pre-positions the output capacitorÕs voltage
to reduce total output voltage excursions during changes in
load.
Holding tolerance to 1% allows the error amplifierÕs refer-
ence voltage to be targeted +40mV high without compro-
mising DC accuracy. A Òdroop resistorÒ, implemented
through a PC board trace, connects the error amplifierÕs
feedback pin (VFB) to the output capacitors and load and
carries the output current. With no load, there is no DC
drop across this resistor, producing an output voltage
tracking the error amplifierÕs, including the +40mV offset.
When the full load current is delivered, an 80mV drop is
developed across this resistor. This results in output volt-
age being offset -40mV low.
The result of adaptive voltage positioning is that additional
margin is provided for a load transient before reaching the
output voltage specification limits. When load current sud-
denly increases from itÕs minimum level, the output capaci-
tor is pre-positioned +40mV. Conversely, when load cur-
rent suddenly decreases from itÕs maximum level, the out-
put capacitor is pre-positioned -40mV (see Figures 7, 8, and
9). For best transient response, a combination of a number
of high frequency and bulk output capacitors are usually
used.
If the maximum on time is exceeded while responding to a
sudden increase in load current, a normal off time occurs to
prevent saturation of the output inductor.
Figure 7: CS5155 demonstration board response to a 0.5 to 13A load
pulse (output set for 2.8V).
Figure 8: CS5155 demonstration board response to 13A load turn on
(output set for 2.8V). Upon completing a normal off time, the V2ª con-
trol loop immediately connects the inductor to the input voltage, pro-
viding 100% duty cycle. Regulation is achieved in less than 20µs.
Trace 1 - Regulator Output Voltage (1V/div.)
Trace 2 - Inductor Switching Node (5V/div.)
Trace 3 - Output Current (0.5 to 13 Amps) (20V/div.)
Trace 1 - Regulator Output Voltage (1V/div.)
Trace 3 - Regulator Output Current (20V/div.)
Trace1 - Regulator Output Voltage (10V/div.)
Trace 2 - Inductor Switching Node (5V/div.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com