Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5155 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # CS5155
Description  CPU 5-Bit Synchronous Buck Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5155 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  CS5155 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5155 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5155 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5155 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5155 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5155 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5155 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5155 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5155 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Electrical Characteristics: 0¡C < TA < +70¡C; 0¡C < TJ < +85¡C; 8V < VCC1 < 14V; 5V < VCC2 < 20V;
DAC Code: VID4 = VID2 = VID1 = VID0 = 1; VID3 = 0; CVGATE(L) and CVGATE(H) = 1nF; COFF = 330pF; CSS = 0.1µF, unless otherwise specified.
s DAC: continued
VID4 VID3 VID2 VID1 VID0
01011
1.5246
1.5400
1.5554
V
01010
1.5741
1.5900
1.6059
V
01001
1.6236
1.6400
1.6564
V
0
1
0
0
0
1.6731
1.6900
1.7069
V
0
0
1
1
1
1.7226
1.7400
1.7574
V
0
0
1
1
0
1.7721
1.7900
1.8079
V
0
0
1
0
1
1.8216
1.8400
1.8584
V
0
0
1
0
0
1.8711
1.8900
1.9089
V
00011
1.9206
1.9400
1.9594
V
00010
1.9701
1.9900
2.0099
V
00001
2.0196
2.0400
2.0604
V
0
0
0
0
0
2.0691
2.0900
2.1109
V
11111
1.2315
1.2440
1.2564
V
11110
2.1186
2.1400
2.1614
V
11101
2.2176
2.2400
2.2624
V
11100
2.3166
2.3400
2.3634
V
11011
2.4156
2.4400
2.4644
V
11010
2.5146
2.5400
2.5654
V
11001
2.6136
2.6400
2.6664
V
11000
2.7126
2.7400
2.7674
V
10111
2.8116
2.8400
2.8684
V
10110
2.9106
2.9400
2.9694
V
10101
3.0096
3.0400
3.0704
V
10100
3.1086
3.1400
3.1714
V
10011
3.2076
3.2400
3.2724
V
10010
3.3066
3.3400
3.3734
V
10001
3.4056
3.4400
3.4744
V
10000
3.5046
3.5400
3.5754
V
s VGATE(H) and VGATE(L)
Out SOURCE Sat at 100mA
Measure VCC1 Ð VGATE(L),;VCC2 Ð VGATE(H)
1.2
2.0
V
Out SINK Sat at 100mA
Measure VGATE(H) Ð VPGnd;
1.0
1.5
V
VGATE(L) Ð VPGnd
Out Rise Time
1V < VGATE(H) < 9V; 1V < VGATE(L) < 9V
30
50
ns
VCC1 = VCC2 = 12V
Out Fall Time
9V > VGATE(H) > 1V; 9V > VGATE(L) > 1V
30
50
ns
VCC1 = VCC2 = 12V
Shoot-Through Current
Note 1
50
mA
Delay VGATE(H) to VGATE(L)
VGATE(H) falling to 2V; VCC1 = VCC2 = 8V
25
50
ns
VGATE(L) rising to 2V
Delay VGATE(L) to VGATE(H)
VGATE(L) falling to 2V; VCC1 = VCC2 = 8V
25
50
ns
VGATE(H) rising to 2V
VGATE(H), VGATE(L) Resistance
Resistor to LGnd
20
50
100
k½
VGATE(H), VGATE(L) Schottky
LGnd to VGATE(H) @ 10mA
600
800
mV
LGnd to VGATE(L) @ 10mA
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com