Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5155 Datasheet(PDF) 10 Page - Cherry Semiconductor Corporation

Part # CS5155
Description  CPU 5-Bit Synchronous Buck Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5155 Datasheet(HTML) 10 Page - Cherry Semiconductor Corporation

Back Button CS5155 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5155 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5155 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5155 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5155 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS5155 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS5155 Datasheet HTML 12Page - Cherry Semiconductor Corporation CS5155 Datasheet HTML 13Page - Cherry Semiconductor Corporation CS5155 Datasheet HTML 14Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Applications Information: continued
10
The bottom FET and board trace must be properly
designed to implement the OVP function.
Figure 12: OVP response to an input-to-output short circuit by immedi-
ately providing 0% duty cycle, crow-barring the input voltage to
ground.
Figure 13: OVP response to an input-to-output short circuit by pulling
the input voltage to ground.
External Output Enable Circuit
On/off control of the regulator can be implemented
through the addition of two additional discrete compo-
nents (see Figure 14). This circuit operates by pulling the
soft start pin high, and the VFFB pin low, emulating a short
circuit condition.
Figure 14: Implementing shutdown with the CS5155.
External Power Good Circuit
An optional Power Good signal can be generated through
the use of four additional external components (see Figure
15). The threshold voltage of the Power Good signal can be
adjusted per the following equation:
VPower Good =
This circuit provides an open collector output that drives
the Power Good output to ground for regulator voltages
less than VPower Good.
Figure 15: Implementing Power Good with the CS5155.
VOUT
CS5155
R1
10k
R2
6.2k
R3
10k
Power Good
5V
PN3904
PN3904
(R1 + R2)
´ 0.65V
R2
Shutdown
Input
5V
VFFB
CS5155
SS
5
8
IN4148
MMUN2111T1 (SOT-23)
Trace 4 = 5V from PC Power Supply (2V/div.)
Trace 1 = Regulator Output Voltage (1V/div.)
Trace 4 = 5V from PC Power Supply (5V/div.)
Trace1 = Regulator Output Voltage (1V/div.)
Trace 2 = Inductor Switching Node (5V/div.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com