Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8121 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS8121
Description  5V, 1A Linear Regulator with and ENABLE RESET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8121 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS8121 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8121 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8121 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8121 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8121 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8121 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8121 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8121 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Electrical Characteristics: IOUT = 5mA, -40ûC ² TJ ²150ûC , 7V ² VIN ² 26V, -40¡C ² TA ² 125¡C unless otherwise specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Absolute Maximum Ratings
DC Input Voltage ...........................................................................................................................................................-0.7 to 26V
Peak Transient Voltage (46V Load Dump).............................................................................................................................60V
Output Current .................................................................................................................................................Internally Limited
Electrostatic Discharge (Human Body Model) ......................................................................................................................2kV
Operating, Temperature ..........................................................................................................................................-40C to 125¡C
Junction Temperature...............................................................................................................................................-40C to 150¡C
Storage Temperatures.............................................................................................................................................-55¡C to 150¡C
Lead Temperature Soldering
Wave Solder (through hole styles only) .....................................................................................10 sec. max, 260¡C peak
Reflow (SMD styles only) ......................................................................................60 sec. max above 183¡C, 230¡C peak
s Output Stage
Output Voltage, VOUT
7V ² VIN ² 26V, 1mA ² IOUT ² 1A
4.8
5.0
5.2
V
Line Regulation
7V ² VIN ² 26V, IOUT = 5mA
0
50
mV
Load Regulation
5mA ² IOUT ²1A
10
70
mV
Supply Voltage Rejection
VIN = 14VDC + 1VRMS
54
70
dB
@120Hz, ILOAD = 50½
Dropout Voltage
IOUT = 1A
1.2
1.8
V
Quiescent Current
= High, VIN = 12V
0.25
0.65
mA
= Low, IOUT = 1A
4
20
mA
s Protection Circuits
Short Circuit Current
1.5
A
Thermal Shutdown
150
190
ûC
Overvoltage Shutdown
26
40
V
s
Saturation Voltage
1V < VOUT < VRT(OFF), 3.1k½ pull-up
0.1
0.4
V
to VOUT
Output Leakage
= Low
0
25
µA
Current
VOUT > VRT(ON), V
= VOUT
Power ON/OFF
3.1k½ pull-up to VOUT
0.7
1.0
V
Peak Output Voltage
Threshold ON
VOUT - 0.10
VOUT - 0.04
V
(VOUT Increasing)
Threshold OFF
4.75
VOUT - 0.14
V
(VOUT Decreasing)
Threshold Hysteresis
10
40
mV
s
Input High Voltage
7V < VIN < 26V
2.9
3.9
V
Input Low Voltage
7V < VIN < 26V
1.1
2.1
V
Input Hysteresis
7V < VIN < 26V
0.4
0.8
2.8
V
Input Current
Gnd < VIN(HI) < VOUT
0
±10
µA
ENABLE
RESET
RESET
RESET
RESET
RESET
ENABLE
RESET
RESET
RESET
ENABLE
ENABLE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com