Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8121 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # CS8121
Description  5V, 1A Linear Regulator with and ENABLE RESET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8121 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  CS8121 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8121 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8121 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8121 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8121 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8121 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8121 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8121 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Package Lead Description
Typical Performance Characteristics
PACKAGE LEAD #
LEAD SYMBOL
FUNCTION
Junction Temperature (ûC)
-40
-20
0
20
40
60
80
100
120 140 150
5.02
5.01
5
4.99
4.98
4.97
4.96
4.95
IOUT = 100mA
5.00V @ 25ûC
Output Voltage vs. Temperature
-35
-40
-45
-50
0
200
400
600
800
1A
-30
-25
-20
-15
-10
-5
0
Ð40
° C
25 ° C
125
° C
I
OUT (A)
V
IN =14V
Load Regulation vs. Output Current Over Temperature
VIN = 7 to 26V
-40ûC
125ûC
25ûC
50
40
30
20
10
0
-10
IOUT(A)
0
0.2
0.4
0.6
0.8
1A
Line Regulation vs. Output Current Over Temperature
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
0
0.2
0.6
0.9
1.0
0.1
0.3
0.5
0.4
0.7
0.8
IOUT (A)
-40
°C
25
°C
125
°C
Dropout Voltage vs. Output Current Over Temperature
7 Lead
5 Lead TO-220 &
D2PAK
Overmolded TO-220
1
NC
No Connection.
21
VIN
Supply voltage to IC, usually direct from the battery.
3
2
CMOS compatible logical. VOUT is disabled i.e. placed in a
high impedance state when ENABLE is high.
4
3
Gnd
Ground connection.
5
4
CMOS compatible output lead.
goes low whenever
VOUT falls out of regulation. The
delay is externally
programmed.
65
VOUT
Regulated output voltage, 5V (typ).
7VOUT(SENSE)
Remote sensing of output voltage.
RESET
RESET
RESET
ENABLE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com