Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8121 Datasheet(PDF) 4 Page - Cherry Semiconductor Corporation

Part # CS8121
Description  5V, 1A Linear Regulator with and ENABLE RESET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8121 Datasheet(HTML) 4 Page - Cherry Semiconductor Corporation

  CS8121 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8121 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8121 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8121 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8121 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8121 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8121 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8121 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Typical Performance Characteristics: continued
Precision Voltage Reference
The regulated output voltage depends on the precision
band gap voltage reference in the IC. By adding an error
amplifier into the feedback loop, the output voltage is
maintained within ±4% over temperature and supply vari-
ation.
Output Stage
The composite PNP-
NPN output structure
(Figure 1) provides 1A
(typ) of output current
while maintaining a
low drop out voltage
(1.2V) and drawing lit-
tle quiescent current
(4mA).
The NPN pass device prevents deep saturation of the output
stage which in turn improves the ICÕs efficiency by prevent-
ing excess current from being used and dissipated by the IC.
Output Stage Protection
The output stage is protected against overvoltage, short
circuit and thermal runaway conditions (Figure 2).
Voltage Reference and Output Circuitry
VOUT
VIN
IOUT
VOUT
VIN
Load
Dump
Short
Circuit
Thermal
Shutdown
> 30V
Figure 1. Composite Output Stage of the CS8121
Circuit Description
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
0
0.1
-40
°C
25
°C
125
°C
VIN = 14V
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
IOUT
1.0
Quiescent Current vs. Output Current Over Temperature
22.0
20.0
16.0
12.0
8.0
4.0
0.0
10.0
8.0
6.0
4.0
2.0
0.0
0.0
1.0
2.0
3.0
4.0
5.0
5.5
Supply Voltage
VOUT
IQ
Output Voltage and Supply Current vs. Input Voltage
2000
1800
1600
1400
1200
1000
800
600
400
200
0
1
5
10
15
20
25
30
35
40
VIN = 5V
Reset Output Current (mA)
RESET Output Voltage vs. Output Current
Figure 2. Typical Circuit Waveforms for Output Stage Protection.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com