Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8122 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS8122
Description  2% 5V, 750mA Low Dropout Linear Regulator with Delayed RESET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8122 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS8122 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8122 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8122 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8122 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8122 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8122 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8122 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8122 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Electrical Characteristics: -40ûC ² TA ² +125ûC, -40ûC ² TJ ² +150ûC, 6V ² VIN ² 26V, 5mA ² IOUT ² 500mA,
R
= 4.7k½ to VCC unless otherwise noted*
RESET
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Absolute Maximum Ratings
Input Operating Range..................................................................................................................................................-0.5 to 26V
Power Dissipation.............................................................................................................................................Internally Limited
Transient Input Voltage .................................................................................................................................................-50V, 60V
Output Current .................................................................................................................................................Internally Limited
ESD Susceptibility (Human Body Model)..............................................................................................................................4kV
Junction Temperature .............................................................................................................................................-55¡C to 150¡C
Storage Temperature...............................................................................................................................................-55¡C to 150¡C
Lead Temperature Soldering
Wave Solder (through hole styles only) .....................................................................................10 sec. max, 260¡C peak
* To observe safe operating junction temperatures, low duty cycle pulse testing is used in tests where applicable.
Delay Time =
CDelay x VDelay Threshold Charge
= CDelay x 3.5 x 105 (typ)
ICharge
s
Output Stage (VOUT)
Output Voltage
4.9
5.0
5.1
V
Dropout Voltage
IOUT = 500mA
0.35
0.60
V
Supply Current
IOUT ² 10mA
2
7
mA
IOUT ² 100mA
6
12
IOUT ² 500mA
55
100
Line Regulation
6V ² VIN ² 26V, IOUT = 50mA
5
50
mV
Load Regulation
50mA ² IOUT ² 500mA, VIN = 14V
10
50
mV
Ripple Rejection
f = 120Hz, VIN = 7 to 17V,
54
75
dB
IOUT = 250mA
Current Limit
0.75
1.20
A
Overvoltage Shutdown
32
40
V
Maximum Line Transient
VOUT ² 5.5V
60
95
V
Reverse Polarity Input
VOUT ³ -0.6V, 10½ Load
-15
-30
V
Voltage DC
Reverse Polarity Input
1% Duty Cycle, T < 100ms,
-50
-80
V
Voltage Transient
10½ Load
Thermal Shutdown
Guaranteed by Design
150
180
210
¡C
s
and Delay Functions
Delay Charge Current
VDELAY = 2V
5
10
15
µA
Threshold
VOUT Increasing, VRT(ON)
4.65
4.90
VOUT-0.01
V
VOUT Decreasing, VRT(OFF)
4.50
4.70
VOUT-0.16
V
Hysteresis
VRH = VRT(ON) - VRT(OFF)
150
200
250
mV
Delay Threshold
Charge, VDC(HI)
3.25
3.50
3.75
V
Discharge, VDC(L)
2.85
3.10
3.35
V
Delay Hysteresis
200
400
800
mV
Output Voltage Low
1V < VOUT < VRT(L), 3k½ to VOUT
0.1
0.4
V
Output Leakage
VOUT > VRT(H)
010
µA
Current
Delay Capacitor
Discharge Latched ÒONÓ,
0.2
0.5
V
Discharge Voltage
VOUT > VRT
Delay Time
CDELAY = 0.1µF
16
32
48
ms
RESET
RESET
RESET
RESET
RESET



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com