Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8122 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # CS8122
Description  2% 5V, 750mA Low Dropout Linear Regulator with Delayed RESET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8122 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  CS8122 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8122 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8122 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8122 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8122 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8122 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8122 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8122 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Typical Performance Characteristics
0.0
0.0
VIN (V)
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
55.0
125ûC
25ûC
-40ûC
Rload = 25W
0.0
0.0
VIN (V)
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
20.0
40.0
60.0
80.0
100.0
120.0
Rload = 6.67W
Rload = 10W
Rload = 25W
Rload = NO LOAD
Room Temp.
0.0
0.0
V
IN (V)
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Rload = 25W
125ûC
25ûC
-40ûC
Output Voltage vs Input Voltage over Temperature
Quiescent Current vs Input Voltage over Load Resistance
Quiescent Current vs Input Voltage over Temperature
0.0
0.0
VIN (V)
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Rload =
NO LOAD
Rload = 6.67W
Rload = 10W
Room Temp.
VOUT vs. VIN over RLOAD
Package Lead Description
PACKAGE LEAD #
LEAD SYMBOL
FUNCTION
Rload=25½
5Lead TO-220
1VIN
Unregulated supply voltage to IC.
2VOUT
Regulated 5V output.
3
Gnd
Ground connection.
4
Delay
Timing capacitor for
function.
5
CMOS/TTL compatible output lead.
goes low whenev-
er VOUT drops below 6% of it's regulated value.
RESET
RESET
RESET



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com