Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8122 Datasheet(PDF) 4 Page - Cherry Semiconductor Corporation

Part # CS8122
Description  2% 5V, 750mA Low Dropout Linear Regulator with Delayed RESET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8122 Datasheet(HTML) 4 Page - Cherry Semiconductor Corporation

  CS8122 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8122 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8122 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8122 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8122 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8122 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8122 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8122 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
0
0
OUTPUT CURRENT (mA)
100
200
300
400
500
600
700
800
100
200
300
400
500
600
700
800
900
25ûC
-40ûC
125ûC
0
0
OUTPUT CURRENT (mA)
10
20
30
40
50
60
70
80
90
100
100
200
300
400
500
600
700
800
VIN = 14V
125ûC
25ûC
-40ûC
0
10
0
FREQUENCY (Hz)
10
1
10
2
10
3
10
4
10
5
10
6
10
7
10
8
10
20
30
40
50
60
70
80
90
IOUT= 250mA
COUT= 10mF, ESR = 10W
COUT= 10mF, ESR = 1W
COUT= 10mF, ESR = 1 & 0.1mF,
ESR = 0
Ripple Rejection
Quiescent Current vs. Output Current
Dropout Voltage vs. Output Current
Typical Performance Characteristics: continued
-100
0
OUTPUT CURRENT (mA)
-80
-60
-40
-20
0
20
40
60
80
100
100
200
300
400
500
600
700
800
VIN 6-26V
TEMP = 25ûC
TEMP = - 40ûC
TEMP = 125ûC
-14
0
OUTPUT CURRENT (mA)
-12
-10
-8
-6
-4
-2
0
2
4
6
100
200
300
400
500
600
700
800
TEMP = 25ûC
TEMP = 125ûC
VIN = 14V
TEMP = -40ûC
Load Regulation vs. Output Current
Line Regulation vs. Output Current
10
0
Output Current (mA)
10
1
10
2
10
3
10
1
10
2
10
3
10
-4
10
0
10
-1
10
-2
10
-3
CO= 68mF
CO= 47mF
CO= 47/68mF
Stable Region
Output Capacitor ESR



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com