Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8441 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS8441
Description  85mA Dual H-Bridge Odometer Driver with Divide by Select
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8441 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS8441 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8441 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8441 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8441 Datasheet HTML 4Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Features
COILB-
SENSOR
SELECT
Coil
Driver
B
Coil
Driver
A
Overvoltage
and Short
Circuit
Protection
Sequencer
COILB+
COILA-
COILA+
Input
Comp.
¸ 1
¸ 2
Gnd
VCC
s
No Cross-conduction in
either H-bridge
s
Divide by 1 and Divide
by 2 Mode
s
Guaranteed Monotonic
s
On Chip Flyback Diodes
s
Fault Protection
Overvoltage
Load Dump Protection
to 60V
Package Options
8 Lead PDIP
85mA Dual H-Bridge Odometer Driver
with Divide by Select
1
Gnd
COILA+
COILAÐ
SENSOR
VCC
COILB+
COILBÐ
SELECT
CS8441
Description
The CS8441 is a Stepper Motor
Driver that implements an H-Bridge
design in order to drive two coils in
an eight step sequence per revolu-
tion in the divide by 1 mode; 16 step
sequence in the divide by 2 mode.
The H-Bridge is capable of deliver-
ing 85mA to the load.
The sequencer insures that the
odometer is monotonic. This
sequencer is configured such that
simultaneous conduction does not
occur. Before each successive out-
put sequence the part is taken
through a state where both outputs
are turned off individually. This
tends to minimize the inductive
kick back energy that the part must
absorb. On chip clamp diodes are
across each output to protect the
part from the kick back energy that
it must absorb.
Additional part protection is pro-
vided by two functions. The first
being Òshort circuit protectionÓ.
This function will protect the part in
the case of a shorted or partially
shorted load. The second protection
function is the Òovervoltage func-
tionÓ. This function monitors the
level of the supply voltage. In tran-
sient conditions such as load dump,
the part will shut down, protecting
itself.
Block Diagram
Absolute Maximum Ratings
Supply Voltage (VCC) (continuous) -40ûC to +105ûC ......................Ð0.5 to 24V
(100ms pulse transient) -40ûC to +105ûC ..........................Ð0.5 to 60V
Input Voltage (VIN)..................................................................Ð0.3 to VCC +0.3V
Storage Temperature Range (TSTG).............................................-65¡C to 150¡C
Junction Temperature Range.......................................................Ð40¡C to 150¡C
ESD (Human Body Model) .............................................................................2kV
Lead Temperature Soldering
Wave Solder(through hole styles only).............10 sec. max, 260¡C peak
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com
A
Company
¨
Rev. 9/2/92


Similar Part No. - CS8441

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8441 ONSEMI-CS8441 Datasheet
58Kb / 8P
Stepper Motor Driver with Divide by Select
February, 2001 ??Rev. 3
CS8441YN8 ONSEMI-CS8441YN8 Datasheet
58Kb / 8P
Stepper Motor Driver with Divide by Select
February, 2001 ??Rev. 3
More results

Similar Description - CS8441

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS4161 CHERRY-CS4161 Datasheet
149Kb / 4P
85mA Dual H-Bridge Odometer Driver with Divide by Select and UVLO
Rev. 1/28/97
CS8442 CHERRY-CS8442 Datasheet
132Kb / 4P
85mA Dual H-Bridge Odometer Driver with Buffered Speed Signal Output
logo
ON Semiconductor
CS4161 ONSEMI-CS4161 Datasheet
59Kb / 8P
85 mA Dual H-Bridge Odometer Driver with Divide by Select and UVLO
March, 2001 ??Rev. 6
CS8441 ONSEMI-CS8441 Datasheet
58Kb / 8P
Stepper Motor Driver with Divide by Select
February, 2001 ??Rev. 3
logo
New Japan Radio
NJU7385 NJRC-NJU7385 Datasheet
169Kb / 13P
Dual H-bridge Driver for actuator Input Control Mode Select Function
logo
Texas Instruments
DRV8843 TI1-DRV8843_16 Datasheet
1Mb / 28P
Dual H-Bridge Driver
logo
Toshiba Semiconductor
TC78H610FNG TOSHIBA-TC78H610FNG Datasheet
651Kb / 16P
DUAL H-BRIDGE DRIVER IC
logo
New Japan Radio
NJM2670 NJRC-NJM2670 Datasheet
463Kb / 9P
DUAL H BRIDGE DRIVER
NJW4814 NJRC-NJW4814 Datasheet
389Kb / 16P
Dual H-Bridge Driver with Boost Converter
logo
Rohm
BD6735FV ROHM-BD6735FV_15 Datasheet
1Mb / 16P
Dual H-Bridge Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com