Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8441 Datasheet(PDF) 4 Page - Cherry Semiconductor Corporation

Part # CS8441
Description  85mA Dual H-Bridge Odometer Driver with Divide by Select
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8441 Datasheet(HTML) 4 Page - Cherry Semiconductor Corporation

  CS8441 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8441 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8441 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8441 Datasheet HTML 4Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Thermal Data
8 Lead
PDIP
RQJC
typ
52
ûC/W
RQJA
typ
100
ûC/W
D
Lead Count
Metric
English
Max
Min
Max
Min
8L PDIP
10.16
9.02
.400
.355
Package Specification
PACKAGE DIMENSIONS IN mm (INCHES)
Ordering Information
PACKAGE THERMAL DATA
Rev. 9/2/92
Part Number
Description
CS8441XN8
8 Lead PDIP
COILA+
COILAÐ
COILB+
COILBÐ
VCC
SELECT
Gnd
SENSOR
CS8441
IGN
D1
R1
R3
Z1
C1
C2
R2
C3
Buffered Speed Signal
(Open Collector Drive)
COIL A
COIL B
Odometer Application Diagram
C1 - 10µF
C2 - 0.1µF
C3 - 0.01µF
R1 - 3.9½, 500mW
R2 - 100k½
R3 - 15k½
D1 - 1A, 600PIV
Z1 - 50V, 500mW
COIL A - 210±12½, 80mH
COIL B - 210±12½, 80mH
0.39 (.015)
MIN.
2.54 (.100) BSC
1.77 (.070)
1.14 (.045)
D
Some 8 and 16 lead
packages may have
1/2 lead at the end
of the package.
All specs are the same.
.203 (.008)
.356 (.014)
REF: JEDEC MS-001
3.68 (.145)
2.92 (.115)
8.26 (.325)
7.62 (.300)
7.11 (.280)
6.10 (.240)
.356 (.014)
.558 (.022)
Plastic DIP (N); 300 mil wide
© 1999 Cherry Semiconductor Corporation
Cherry Semiconductor Corporation reserves the
right to make changes to the specifications without
notice. Please contact Cherry Semiconductor
Corporation for the latest available information.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com