Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8441 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # CS8441
Description  85mA Dual H-Bridge Odometer Driver with Divide by Select
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8441 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  CS8441 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8441 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8441 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8441 Datasheet HTML 4Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Figure 2: Divide by 1 SELECT Mode
SENSOR is a PNP comparator input which accepts a sine wave
input or a square wave input. This input is protected from excur-
sions above VCC as well as any below ground, as long as the cur-
rent is limited to 1.5mA. It has an active clamp set to zero volts to
prevent negative input voltages from disrupting normal opera-
tion. The sensor input can withstand 150VDC as long as the input
current is limited to 1.5mA max using a series resistor of 100k½.
Simultaneously energizing the source and sink on either leg is
not permitted. i.e. Q1 & Q2 or Q3 & Q4 cannot be energized
simultaneously.
Circuit function is not affected by inductive transients due to coil
loads as specified in Transition States section.
The transition states occur as indicated in Table 1 without any
intermediate states permitted.
Table 1: Transition States
The polarity definition for the coil driver outputs is as follows:
Connect
Connect
Polarity
Coil +
Coil -
Positive (+)
VCC
Gnd
Negative (-)
Gnd
VCC
The speed sensor input frequency is divided by one or divided
by two by connecting the divider select input, (Pin 5) as follows:
Logic 0 = divide by 2
Logic 1 = divide by 1
Circuit Operation
Speed Sensor Input
Coil Driver Outputs
Divider Select Input
Short
Circuit
VCC
Sense
Resistor
Coil
Short
Circuit
Sense
Resistor
Gnd
Q3
Q4
Q1
Q2
Overvoltage
and
Short
Circuit
Protection
Package Pin Description
PACKAGE PIN #
PIN SYMBOL
FUNCTION
Figure 1: Coil Driver Output
Figure 3: Divide by 2 SELECT Mode
Output State Table
State
Coil A
Coil B
0+
+
1
OFF
+
2-
+
3
-
OFF
4-
-
5
OFF
-
6+
-
7
+
OFF
DIVIDE BY ONE MODE SELECT = V
CC
DIVIDE BY TWO MODE SELECT = Gnd
8L PDIP
1
Gnd
Ground connection.
2
COILA+
Output stage, when active, this pin supplies current to COIL A.
3
COILA-
Output stage, when active, this pin supplies current to COIL A.
4
SENSOR
Input signal from wheel speed or engine rpm.
5
SELECT
Selects divide by 1 or divide by 2 mode.
6
COILB-
Output stage, when active, this pin supplies current to COIL B.
7
COILB+
Output stage, when active, this pin supplies current to COIL B.
8VCC
Supply Voltage.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com